Electronic Components Datasheet Search
  English  ▼

X  

DP83843 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83843
Description  PHYTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83843 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button DP83843 Datasheet HTML 19Page - National Semiconductor (TI) DP83843 Datasheet HTML 20Page - National Semiconductor (TI) DP83843 Datasheet HTML 21Page - National Semiconductor (TI) DP83843 Datasheet HTML 22Page - National Semiconductor (TI) DP83843 Datasheet HTML 23Page - National Semiconductor (TI) DP83843 Datasheet HTML 24Page - National Semiconductor (TI) DP83843 Datasheet HTML 25Page - National Semiconductor (TI) DP83843 Datasheet HTML 26Page - National Semiconductor (TI) DP83843 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 87 page
background image
2.0 Functional Description (Continued)
23
www.national.com
input waveform will not be rejected. The checking proce-
dure results in the loss of typically three preamble bits at
the beginning of each packet.
Only after all these conditions have been satisfied will a
control signal be generated to indicate to the remainder of
the circuitry that valid data is present. At this time, the
smart squelch circuitry is reset.
Valid data is considered to be present until squelch level
has not been generated for a time longer than 150ns, indi-
cating the End of Packet. Once good data has been
detected the squelch levels are reduced to minimize the
effect of noise causing premature End of Packet detection.
The receive squelch threshold level can be lowered for use
in longer cable applications. This is achieved by setting the
LS_SEL bit in the 10BTSCR (bit 6, register 18h). Collision
Detection
For Half Duplex, a 10BASE-T collision is detected when the
receive and transmit channels are active simultaneously.
Collisions are reported by the COL signal on the MII.
If the ENDEC is transmitting when a collision is detected,
the collision is not reported until seven bits have been
received while in the collision state. This prevents a colli-
sion being reported incorrectly due to noise on the network.
The COL signal remains set for the duration of the collision.
If the ENDEC is receiving when a collision is detected it is
reported immediately (through the COL).
When heartbeat is enabled, approximately 1
µs after the
transmission of each packet, a Signal Quality Error (SQE)
signal of approximately 10 bit times is generated (inter-
nally) to indicate successful transmission. SQE is reported
as a pulse on the COL signal of the MII.
2.4.4 Carrier Sense
Carrier Sense (CRS) may be asserted due to receive activ-
ity once valid data is detected via the smart squelch func-
tion.
For 10 Mb/s Half Duplex operation, CRS is asserted during
either packet transmission or reception.
For 10 Mb/s Full Duplex operation, CRS is asserted only
due to receive activity.
CRS is deasserted following an end of packet.
In Repeater mode, CRS is only asserted due to receive
activity.
2.4.5 Normal Link Pulse Detection/Generation
The link pulse generator produces pulses as defined in the
IEEE 802.3 10BASE-T standard. Each link pulse is nomi-
nally 100 ns in duration and is transmitted every 16 ms
± 8
ms, in the absence of transmit data.
Link pulse is used to check the integrity of the connection
with the remote end. If valid link pulses are not received,
the link detector disables the 10BASE-T twisted pair trans-
mitter, receiver and collision detection functions.
When the link integrity function is disabled, the 10BASE-T
transceiver will operate regardless of the presence of link
pulses.
2.4.6 Jabber Function
The jabber function monitors the DP83843's output and
disables the transmitter if it attempts to transmit a packet of
longer than legal size. A jabber timer monitors the transmit-
ter and disables the transmission if the transmitter is active
for approximately 20-30 ms.
Once disabled by the Jabber function, the transmitter stays
disabled for the entire time that the ENDEC module's inter-
nal transmit enable is asserted. This signal has to be de-
asserted for approximately 400-600 ms (the “unjab” time)
before the Jabber function re-enables the transmit outputs.
The Jabber function is only meaningful in 10BASE-T mode.
2.4.7 Status Information
10BASE-T Status Information is available on the LED out-
put pins of the DP83843. Transmit activity, receive activity,
link status, link polarity and collision activity information is
output to the five LED output pins (LED_RX, LED_TX,
LED_LINK, LED_FDPOL, and LED_COL). Additionally, the
active high SPEED10 output will assert to indicate 10 Mb/s
operation.
If required, the LED outputs can be used to provide digital
status information to external circuitry.
The link LED output indicates good link status for both 10
and 100 Mb/s modes. In Half Duplex 10BASE-T mode,
LED_LINK indicates link status.
The link integrity function can be disabled. When disabled,
the transceiver will operate regardless of the presence of
link pulses and the link LED will stay asserted continuously.
2.4.8 Automatic Link Polarity Detection
The DP83843's 10BASE-T transceiver module incorpo-
rates an automatic link polarity detection circuit. When
seven consecutive link pulses or three consecutive receive
Figure 1. 10BASE-T Twisted Pair Smart Squelch Operation
<150ns <150ns
>150ns
start of packet
end of packet
Vsq +
Vsq -
Vsq +
reduced
Vsq -
reduced
Twisted Pair Squelch Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com