Electronic Components Datasheet Search
  English  ▼

X  

DP83861 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83861
Description  Gig PHYTER 10/100/1000 Ethernet Physical Layer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83861 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP83861 Datasheet HTML 1Page - National Semiconductor (TI) DP83861 Datasheet HTML 2Page - National Semiconductor (TI) DP83861 Datasheet HTML 3Page - National Semiconductor (TI) DP83861 Datasheet HTML 4Page - National Semiconductor (TI) DP83861 Datasheet HTML 5Page - National Semiconductor (TI) DP83861 Datasheet HTML 6Page - National Semiconductor (TI) DP83861 Datasheet HTML 7Page - National Semiconductor (TI) DP83861 Datasheet HTML 8Page - National Semiconductor (TI) DP83861 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
5
www.national.com
1.0 Pin Descriptions
The DP83861 pins are classified into the following interface
categories (each is described in the sections that follow):
— MAC Interface
— TP Interface
— JTAG Interface
—E2PROM Interface
— Clock Interface
— LED Interface
— Device Configuration / Strapping Options
—Reset
— Power and Ground Pins
— Special Connect Pins
Note: Strapping pin option
(BOLD) (e.g. AN_EN)
Type: I
Inputs
Type: O
Output
Type: O_Z
Tristate Output
Type: I/O_Z
Tristate Input_Output
Type: S
Strapping Pin
Type: PU
Pull-up
Type: PD
Pull-down
1.1 MAC Interface
Signal Name
Type
Pin #
Description
MDC
I
151
MANAGEMENT DATA CLOCK: Synchronous clock to the MDIO
management data input/output serial interface which may be asyn-
chronous to transmit and receive clocks. The maximum clock rate is
2.5 MHz with no minimum clock rate.
MDIO
I/O
150
MANAGEMENT DATA I/O: Bi-directional management instruc-
tion/data signal that may be sourced by the station management en-
tity or the PHY. This pin requires a 1.5 k
Ω pullup resistor.
CRS
O
111
CARRIER SENSE: Asserted high to indicate the presence of carrier
due to receive or transmit activity in Half Duplex mode. This signal is
not defined (LOW) for 1000BASE-T Full Duplex mode. For
1000BASE-T, 100BASE-TX and 10BASE-T Full Duplex operation
CRS is asserted only for receive activity.
COL
O
110
COLLISION DETECT: Asserted high to indicate detection of a colli-
sion condition (assertion of CRS due to simultaneous transmit and re-
ceive activity) in Half Duplex modes. This signal is not synchronous
to either MII clock (GTX_CLK, TX_CLK or RX_CLK). This signal is not
defined (LOW) for Full Duplex modes.
TX_CLK
O
130
TRANSMIT CLOCK (10 Mb/s and 100 Mb/s): Continuous clock sig-
nal generated from REF_CLK and driven by the PHY during 10Mb/s
and 100 Mb/s operation. It is used on the MII to clock all MII Transmit
(data, error) signals into the PHY.
The Transmit Clock frequency is constant and the frequency is
2.5 MHz for 10Mb/s mode and 25 MHz for 100Mb/s mode.
TX_CLK should not be confused with the TX_TCLK signal.
TXD0
TXD1
TXD2
TXD3
TXD4
TXD5
TXD6
TXD7
I
146
145
144
141
140
139
138
135
TRANSMIT DATA: These signals carry 4B data nibbles (TXD[3:0])
during 10 Mb/s and 100 Mb/s MII mode and 8-bit data (TXD[7:0]) in
1000 Mb/s GMII mode. They are synchronous to the Transmit Clocks
(TX_CLK, GTX_CLK. Transmit data is input enabled by TX_EN for all
modes all sourced by the controller.
TX_EN
I
134
TRANSMIT ENABLE: Active high input driven by the MAC request-
ing transmission of the data present on the TXD lines (nibble data for
10 Mb/s and 100 Mb/s mode and 8-bit data for 1000 Mb/s GMII
mode.)
GTX_CLK
I
147
GMII-TRANSMIT CLOCK: This continuous clock signal is sourced
from the upper level MAC to the PHY. Nominal frequency of 125 MHz,
derived in the MAC from its 125 MHz reference clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com