Electronic Components Datasheet Search
  English  ▼

X  

DP83861 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83861
Description  Gig PHYTER 10/100/1000 Ethernet Physical Layer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83861 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DP83861 Datasheet HTML 4Page - National Semiconductor (TI) DP83861 Datasheet HTML 5Page - National Semiconductor (TI) DP83861 Datasheet HTML 6Page - National Semiconductor (TI) DP83861 Datasheet HTML 7Page - National Semiconductor (TI) DP83861 Datasheet HTML 8Page - National Semiconductor (TI) DP83861 Datasheet HTML 9Page - National Semiconductor (TI) DP83861 Datasheet HTML 10Page - National Semiconductor (TI) DP83861 Datasheet HTML 11Page - National Semiconductor (TI) DP83861 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
8
www.national.com
1.4 E
2PROM Interface
1.5 Clock Interface
1.6 LED/Interrupt Interface
Signal Name
Type
PIn #
Description
SDA
I/O, PU
189
Serial Data: See application note “DP83861 EN Gig PHYTER
E2PROM Usage Guide” on how to use this interface. This pin should
be left floating if the E2PROM interface is not used.
SCL
I/O, PD
190
SERIAL CLOCK: See application note “DP83861 EN Gig PHYTER
E2PROM Usage Guide” on how to use this interface. This pin should
be left floating if the E2PROM interface is not used.
Signal Name
Type
Pin #
Description
REF_CLK
I
153
CLOCK INPUT: 125 MHz or 25 MHz (both require +/-50ppm toler-
ance and less than 200 ps of jitter) See Section 3.4.
REF_SEL
I
154
Clock Select: This pin enables the use of a 125 MHz clock source to
REF_CLK when pulled directly or through a 2K
Ω resistor to 3.3V sup-
ply. When pulled low directly or through a 2K
Ω resistor to ground en-
ables a 25 MHz clock source. This pin should never be floated.
Signal Name
Type
PIn #
Description
LED_RX
I/O, S, PD
207
RECEIVE ACTIVITY LED: The Receive LED output indicates that the
PHY is receiving.
LED_TX
I/O, S, PD
205
TRANSMIT ACTIVITY LED: The Transmit LED output indicates that
the PHY is transmitting.
LED_LNK
I/O, S, PD
204
GOOD LINK LED STATUS: Indicates status for Good Link the crite-
ria for good link are:
10BASE-T: Link is established by detecting Normal Link Pulses sep-
arated by 16 ms or by packet data received.
100BASE-T: Link is established as a result of an input receive ampli-
tude compliant with TP-PMD specifications which will result in internal
generation of Signal Detect. LED_LNK will assert after the internal
Signal Detect has remained asserted for a minimum of 500
µs.
LED_LNK will de-assert immediately following the de-assertion of the
internal Signal Detect.
1000BASE-T: Link is established as a result of training, Auto-Negoti-
ation completed, valid 1000BASE-T link established and reliable re-
ception of signals transmitted from a remote PHY is established.
LED_DUPLEX
I/O, S, PD
185
DUPLEX LED STATUS: If the LED is on, it indicates Full Duplex
mode of operation, else Half Duplex operation.
LED_COL
I/O, S, PD
201
COLLISION LED STATUS: Indicates that the PHY has detected a
collision condition (simultaneous transmit and receive activity while in
Half Duplex mode).
LED_ACT
I/O, S, PU
200
TX/RX ACTIVITY LED STATUS: Indicates either transmit or receive
activity.
LED_10
I/O, S, PD
180
10 Mb/s SPEED LED: If LED is on, then the current speed of opera-
tion is 10 Mb/s. 1
LED_100
I/O, S, PU
181
100 Mb/s SPEED LED: If LED is on, then the current speed of oper-
ation is 100 Mb/s. 1
LED_1000
I/O, S, PU
184
1000 Mb/s SPEED LED: If LED is on, then the current speed of op-
eration is 1000 Mb/s. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com