Electronic Components Datasheet Search
  English  ▼

X  

DP83861 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83861
Description  Gig PHYTER 10/100/1000 Ethernet Physical Layer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83861 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP83861 Datasheet HTML 3Page - National Semiconductor (TI) DP83861 Datasheet HTML 4Page - National Semiconductor (TI) DP83861 Datasheet HTML 5Page - National Semiconductor (TI) DP83861 Datasheet HTML 6Page - National Semiconductor (TI) DP83861 Datasheet HTML 7Page - National Semiconductor (TI) DP83861 Datasheet HTML 8Page - National Semiconductor (TI) DP83861 Datasheet HTML 9Page - National Semiconductor (TI) DP83861 Datasheet HTML 10Page - National Semiconductor (TI) DP83861 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
7
www.national.com
1.3 JTAG Interface
RXDA+
RXDA-
RXDB-
RXDB+
RXDC+
RXDC-
RXDD-
RXDD+
I4
5
18
19
34
35
48
49
RECEIVE DATA: Differential receive signals.
NOTE: During 10/100 Mb/s operation only RXDB+ and RXDB- or
RXDA+ and RXDA- are active (See DP83861 Datasheet for automat-
ic crossover configuration.)
Signal Name
Type
PIn #
Description
Signal Name
Type
PIn #
Description
TRST
I
156
TEST RESET: IEEE 1149.1 Test Reset pin, active low reset provides
for asynchronous reset of the Tap Controller. This reset has no effect
on the device registers.
This pin should be tied low during regular chip operation.
TDI
I
157
TEST DATA INPUT: IEEE 1149.1 Test Data Input pin, test data is
scanned into the device via TDI.
This pin should be tied low during regular chip operation.
TDO
O
158
TEST DATA OUTPUT: IEEE 1149.1 Test Data Output pin, the most
recent test results are scanned out of the device via TDO.
This pin can be left floating if not used.
TMS
I
159
TEST MODE SELECT: IEEE 1149.1 Test Mode Select pin, the TMS
pin sequences the Tap Controller (16-state FSM) to select the desired
test instruction.
This pin should be tied low during regular chip operation.
TCK
I
163
TEST CLK: IEEE 1149.1 Test Clock input, primary clock source for
all test logic input and output controlled by the testing entity.
This pin should be tied low during regular chip operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com