Electronic Components Datasheet Search
  English  ▼

X  

DP83861 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83861
Description  Gig PHYTER 10/100/1000 Ethernet Physical Layer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83861 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP83861 Datasheet HTML 2Page - National Semiconductor (TI) DP83861 Datasheet HTML 3Page - National Semiconductor (TI) DP83861 Datasheet HTML 4Page - National Semiconductor (TI) DP83861 Datasheet HTML 5Page - National Semiconductor (TI) DP83861 Datasheet HTML 6Page - National Semiconductor (TI) DP83861 Datasheet HTML 7Page - National Semiconductor (TI) DP83861 Datasheet HTML 8Page - National Semiconductor (TI) DP83861 Datasheet HTML 9Page - National Semiconductor (TI) DP83861 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
6
www.national.com
1.2 TP Interface
TX_ER
I
133
TRANSMIT ERROR: Active high input during 100 Mb/s nibble mode
or 1000 Mb/s GMII mode. This forces the PHY to transmit invalid sym-
bols. The TX_ER signal must be synchronous to the Transmit Clocks
(TX_CLK and GTX_CLK).
In 4B nibble mode, assertion of Transmit Error by the controller caus-
es the PHY to issue invalid symbols followed by Halt (H) symbols until
deassertion occurs.
In 1000 Mb/s GMII mode, assertion causes the PHY to emit one or
more code-groups that are not valid data or delimiter set in the trans-
mitted frame.
RX_CLK
O
126
RECEIVE CLOCK: Provides the recovered receive clocks for differ-
ent modes of operation:
2.5 MHz nibble clock in 10 Mb/s MII mode.
25 MHz nibble clock in 100 Mb/s MII mode.
125 MHz byte clock in 1000 Mb/s GMII mode.
RXD0
RXD1
RXD2
RXD3
RXD4
RXD5
RXD6
RXD7
O
125
124
121
120
119
118
115
114
RECEIVE DATA: These signals carry 4-bit data nibbles (RXD[3:0])
during 10Mb/s and 100 Mb/s MII mode and 8-bit data (RXD[7:0]) in
1000 Mb/s GMII mode. They are synchronous to the Receive Clock
(RX_CLK). Receive data is driven by the PHY to the controller, and is
strobed by Receive Data Valid (RX_DV) which is also sourced by the
PHY.
RX_ER
O
112
RECEIVE ERROR: In 100 Mb/s MII mode and 1000 Mb/s GMII mode
this active high output indicates that the PHY has detected a Receive
Error. The RX_ER signal must be synchronous with the Receive
Clock (RX_CLK).
RX_DV
O
113
RECEIVE DATA VALID: Asserted high to indicate that valid data is
present on the corresponding RXD[3:0] for 10 Mb/s or 100 Mb/s MII
mode and RXD[7:0] in 1000 Mb/s GMII mode.
Signal Name
Type
Pin #
Description
Signal Name
Type
PIn #
Description
TXDA+
TXDA-
TXDB-
TXDB+
TXDC+
TXDC-
TXDD-
TXDD+
O9
10
13
14
39
40
43
44
TRANSMIT DATA: The TP Interface connects the DP83861 to the
CAT-5 cable through a single common magnetics transformer. The
Transmit (TXD) and Receive (RXD) Twisted Pair pins carry bit-serial
data at 125 MHz baud rate. These differential outputs are config-
urable to either 100 BASE-T, 100BASE-TX or 1000BASE-T signal-
ling:
10BASE-T: Transmission of MANCHESTER encoded signals. The
10BASE-T signal does not meet IEEE transmit output voltages. See
Section 7.1.
100BASE-TX: Transmission of 3-level MLT-3 data.
1000BASE-T: Transmission of 17-level PAM-5 with PR-shaping data.
The DP83861 will automatically configure the common driver outputs
for the proper signal type as a result of either forced configuration or
Auto-Negotiation.
NOTE: During 10/100 Mb/s operation only TXDA+ and TXDA- or
TXDB+ and TXDB- are active. (See DP83861 Datasheet for automat-
ic crossover configuration.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com