Electronic Components Datasheet Search
  English  ▼

X  

DP83861 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83861
Description  Gig PHYTER 10/100/1000 Ethernet Physical Layer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83861 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP83861 Datasheet HTML 14Page - National Semiconductor (TI) DP83861 Datasheet HTML 15Page - National Semiconductor (TI) DP83861 Datasheet HTML 16Page - National Semiconductor (TI) DP83861 Datasheet HTML 17Page - National Semiconductor (TI) DP83861 Datasheet HTML 18Page - National Semiconductor (TI) DP83861 Datasheet HTML 19Page - National Semiconductor (TI) DP83861 Datasheet HTML 20Page - National Semiconductor (TI) DP83861 Datasheet HTML 21Page - National Semiconductor (TI) DP83861 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
18
www.national.com
A 10
µF capacitor should also be placed close to the
DP83861 (possibly on the bottom side of the PCB) bypass-
ing the VCC and ground planes.
There has been considerable discussion in the literature
about the use of ferrite beads to isolate power plane noise
from certain noisy VCC pins and preventing this noise from
coupling into sensitive analog VCC pins. This is typically
achieved by using ferrite beads (inductors) between noisy
VCC and quiet VCC line. An inductor in conjunction with
the bypass capacitor at the VCC pins will form a low pass
filter which will prevent the high frequency noise from cou-
pling into the quite VCC. However, using this scheme can
give mixed results. There is considerable debate about
whether this approach is necessary or even useful. In most
of our boards we put in a stuffing option for inductors (zero
Ohm resistors). In general we have not found any improve-
ments with the use of ferrite beads, however noise consid-
erations are very dependent on PCB’s specific layout,
function and power supplies. The board designer should
evaluate whether they will benefit from ferrite beads in their
particular board.
The pin check list on Table 14 show the suggested connec-
tions of these capacitors for every supply, ground and sub-
strate pin.
3.2 Twisted Pair Interface
The Twisted Pair Interface consists of four differential
transmit pairs (Channels A, B, C, and D) and four differen-
tial receive pairs (Channels A, B, C, and D). Each transmit
pair is connected to its’ corresponding receive pair through
47
Ω and 150 Ω resistors respectively (The two 47 Ω resis-
tors in combination with the source impedance of the trans-
mitter will form a 100
Ω differential input impedance as
seen from the line. This is required to minimize reflec-
tions.). Figure 2 shows a typical connection for Channel A.
Channels B, C, and D are identical. The combined transmit
and receive trace then goes directly to 1:1 magnetics. We
currently recommend using the Pulse H-5007 or Pulse H-
5008. Both magnetics are pin for pin compatible, but with
different package orientations. The H-5007/8 has an isola-
tion transformer followed by a common mode choke to
reduce EMI. There is an additional auto-transformer which
is center tapped. These 2 transformers as well as other
suppliers’ transformers from Halo, Belfuse, Transpower,
Midcom, etc. should be evaluated for best performance for
each design. See Table 9 and Table 10.
— Place the 47
Ω 1% transmit resistors as close as possi-
ble to the TXDA+/-, TXDB+/-, TXDC+/-, and TXD+/- pins
— Place the 150
Ω 1% receive resistors close as possible
to the RXDA+/-, RXDB+/-, RXDC+/-, and RXDD+/- pins.
— All traces to and from the twisted pair interface should
have a controlled impedance of 50
Ω to the ground
plane. This is a strict requirement. They should be as
close in length to each other as possible to prevent mis-
matches in delay which will increase common mode
noise.
Ideally there should be no crossovers or vias on the signal
paths of these traces.
3.3 MAC Interface
The DP83861 can be configured in one of two different
modes:
— GMII (Gigabit Media Independent Interface) MODE: This
interfaces is used to support 802.3z compliant 1000
Mb/s MACs.
— MII (Media Independent Interface) MODE: This interface
is used to support 10/100 Mb/s MACs.
Only one mode can be supported at a time, since the GMII
and MII share some pins in common.
These outputs are capable of driving 35 pF under worst
case conditions. These outputs were not designed to drive
multiple loads, connectors, backplanes, or cables. It is rec-
ommended that the outputs be series terminated through a
resistor as close to the output pins as possible. The pur-
pose of the series termination is to reduce reflections on
the line. The value of the series termination and length of
trace the output can drive will depend on the driver output
impedance, the characteristic impedance of the PCB trace
(we recommend 50
Ω), the distributed trace capacitance
(capacitance/inch), and the load capacitance (MAC input).
For short traces, less than 0.5 inches, the series resistors
may not be required, thus reducing component count.
However, each specific board design should be evaluated
for reflections and signal integrity to determine the need for
the series terminations. As a general rule of thumb, if the
trace length is less than 1/6 of the equivalent length of the
100 pF
47
Ω
75
Ω
Only the connections for one of the twisted pair channels is shown. Connections for channels B, C, D are similar.
Figure 2. Twisted Pair / Magnetics Interface (Channel A Only)
0.1
µF
TD4-
TCT4
TD4+
MX4+
MX4-
MCT4
TXDA+
TXDA-
RXDA+
RXDA-
A+
A-
B+
B-
C+
C-
D+
D-
1
2
3
6
4
5
7
8
Chassis Ground
3 kV
D P83861
PU L SE H -5 0 0 7
RJ -4 5
47
Ω
150
Ω
150
Ω
Chassis Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com