Electronic Components Datasheet Search
  English  ▼

X  

DP83861 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83861
Description  Gig PHYTER 10/100/1000 Ethernet Physical Layer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83861 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DP83861 Datasheet HTML 5Page - National Semiconductor (TI) DP83861 Datasheet HTML 6Page - National Semiconductor (TI) DP83861 Datasheet HTML 7Page - National Semiconductor (TI) DP83861 Datasheet HTML 8Page - National Semiconductor (TI) DP83861 Datasheet HTML 9Page - National Semiconductor (TI) DP83861 Datasheet HTML 10Page - National Semiconductor (TI) DP83861 Datasheet HTML 11Page - National Semiconductor (TI) DP83861 Datasheet HTML 12Page - National Semiconductor (TI) DP83861 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
9
www.national.com
1.7 Device Configuration Interface
INT
I/O, S, PD
208
INTERRUPT: Generates a interrupt upon PHY status changes. The
interrupt function is enabled in the extended register set. This pin is
not an Open Drain Output and can not be wired OR to other pins.
See Section 2.10
1. Each of the Speed LEDs (LED_10, LED_100, LED_1000) is AND’ed with good link LEDs. They will only come
on when the PHY has established good link at the speed indicated.
Signal Name
Type
Pin #
Description
AN_EN
TX_TCLK
I/O, S, PU
192
AUTO-NEGOTIATION ENABLE: Input to set value of Auto-Negotia-
tion Enable bit (register 0 bit-12).
‘1’ Enables Auto-Negotiation
‘0’ Disables Auto-Negotiation
TX_TCLK: Output used to measure jitter during Test Mode 3 as de-
scribed by IEEE 802.3ab specification. TX_TCLK should not be con-
fused with the TX_CLK signal.
MANUAL_M/S_Enable I/O, S, PD
195
MANUAL MASTER/SLAVE ENABLE: Input to set value of manual
Master/Slave Configuration Enable bit (register 9 bit-12). The
DP83861 still goes through the Auto-Negotiation process.
‘1’ Enables manual Master/Slave Configuration
‘0’ Disables manual Master/Slave Configuration
Manual M/S Advertise
I/O, S, PD
191
Manual MASTER/ SLAVE CONFIGURATION VALUE: Input to set
value of Master/Slave Advertise bit (register 9 bit 11). DP83861 still
goes through the Auto-Negotiation process.
‘1’ Configures PHY to Master during Master/Slave negotiation
‘0’ Configures PHY to Slave during Master/Slave negotiation.
This bit is only used if the Manual_M/S_Configuration is enabled.
1000FDX_ADV
I, S, PU
184
AUTO_NEG 1000 FDX ADVERTISE: The value strapped during
power/on reset determines the mode of operation advertised during
Auto-Negotiation.
‘1’ Advertises 1000 Mb/s Full Duplex capability
‘0’ Does not advertise 1000 Mb/s Full Duplex capability
LED_DUPLEX
1000HDX_ADV
I/O, S, PD
185
DUPLEX MODE SELECT/ 1000 Mb/s HALF DUPLEX ADVERTISE:
This strap option has two functions depending on whether Auto-Ne-
gotiation is enabled or not:
Auto-Negotiation disabled:
‘1’ straps on Full Duplex mode of operation
‘0’ straps on Half Duplex mode of operation.
Auto-Negotiation enabled:
‘1’ Advertises 1000 Mb/s Half Duplex capability
‘0’ Does not advertise 1000 Mb/s Half Duplex capability.
100_ADV
I/O, S, PU
181
100 Mb/s FULL/HALF DUPLEX ADVERTISE: This strap option pin
determines if 100 Mb/s Full/Half Duplex capability will be advertised
during Auto-Negotiation.
‘1’ Advertises both Full and Half Duplex capability
‘0’ Advertises neither 100 Mb/s capability
10_ADV
I/O, S, PD
180
10 Mb/s FULL/HALF DUPLEX ADVERTISE: This strap option pin
determines if 10 Mb/s Full/Half Duplex capability will be advertised
during Auto-Negotiation.
‘1’ Advertises both Full and Half Duplex capability
‘0’ Advertises neither 10 Mb/s capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com