Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9864 Datasheet HTML 36Page - Analog Devices AD9864 Datasheet HTML 37Page - Analog Devices AD9864 Datasheet HTML 38Page - Analog Devices AD9864 Datasheet HTML 39Page - Analog Devices AD9864 Datasheet HTML 40Page - Analog Devices AD9864 Datasheet HTML 41Page - Analog Devices AD9864 Datasheet HTML 42Page - Analog Devices AD9864 Datasheet HTML 43Page - Analog Devices AD9864 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
AD9864
Rev. 0 | Page 41 of 44
VCO
LNA
MIXER
IF SAW 1I
F SAW 2
DUPLEXER PRESELECT
GAIN = –2dB
NF = 2dB
GAIN = 22dB
NF = 1dB
GAIN = –3dB
NF = 3dB
GAIN = 5dB
NF = 12dB
IF
AMP
GAIN = –9dB
NF = –9dB
GAIN = 15dB
NF = 2dB
13MHz
DSP
OR
ASIC
36dB
PAD
25
23
24
PE
PC
PD
33
SYNCB
31
FS
29
28
DOUTA
CLKOUT
35
19
20
CLKP
CLKN
LOP
LON
43
42
47
15
AD9864
MASTER
LOOP
FILTER
15
IO
25
23
24
PE
PC
PD
35
LOP
LON
43
42
IFIN
47
AD9864
SLAVE
31
FS
29
28
DOUTA
CLKOUT
33
SYNCB
19
20
CLKP
CLKN
IOUTL
LOOP
FILTER
CVAR
RD
RF
CP
CZ
0.1
µF
LOSC
RBIAS
COSC
VDDC
IFIN
38
IO
ATTENUATED PATH WITH
CLIP POINT = 7.0dBm
DIRECT PATH WITH
CLIP POINT = –17dBm
FREF
FREF
Figure 73. Example of Split Path Rx Architecture to Increase Receiver Dynamic Range Capabilities
Hung Mixer Mode
The AD9864 can operate in hung mixer mode by tying one of
the LO’s self-biasing inputs to ground, i.e., GNDI, or the
positive supply (VDDI). In this mode, the AD9864 acts as a
narrow-band, band-pass Σ-∆ ADC, since its mixer passes the
IFIN signal without any frequency translation. The IFIN signal
must be centered about the resonant frequency of the Σ-∆ ADC
(i.e., fCLK/8) and the clock rate, fCLK, and decimation factors must
be selected to accommodate the bandwidth of the desired input
signal. Note that the LO synthesizer can be disabled because it
is no longer required.
Since the mixer does not have any losses associated with the mix-
ing operation, the conversion gain through the LNA and mixer is
higher resulting in a nominal input clip point of –24 dBm. The
SNR performance is dependent on the VGA attenuation setting,
I/Q data resolution, and output bandwidth as shown in Figure 74.
Applications requiring the highest instantaneous dynamic range
should set the VGA for maximum attenuation. Also, several extra
decibels in SNR performance can be gained at lower signal band-
widths by using 24-bit I/Q data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com