Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9864 Datasheet HTML 36Page - Analog Devices AD9864 Datasheet HTML 37Page - Analog Devices AD9864 Datasheet HTML 38Page - Analog Devices AD9864 Datasheet HTML 39Page - Analog Devices AD9864 Datasheet HTML 40Page - Analog Devices AD9864 Datasheet HTML 41Page - Analog Devices AD9864 Datasheet HTML 42Page - Analog Devices AD9864 Datasheet HTML 43Page - Analog Devices AD9864 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
AD9864
Rev. 0 | Page 40 of 44
25
23
24
33
35
31
29
28
43
42
47
19
20
25
23
24
33
31
29
28
19
20
43
42
47
35
VCO
FS
DOUTA
CLKOUT
FREF
CLKP
CLKN
LOP
LON
IFIN
15
AD9864
MASTER
IOUTC
LOOP
FILTER
38
IOUTC
15
PE
PC
PD
LOP
LON
IFIN
FS
DOUTA
CLKOUT
SYNCB
TO
DSP
CLKP
CLKN
IOUTL
TO DSP
FROM
DSP
LOOP
FILTER
CVAR
RD
RF
CP
CZ
0.1
µF
LOSC
RBIAS
COSC
TO OTHER
AD9864s
FROM
CRYSTAL
OSCILLATION
VDDC
TO OTHER
AD9864s
AD9864
SLAVE
FREF
PE
PC
PD
SYNCB
Figure 72. Example of Synchronizing Multiple AD9864s
Split Path Rx Architecture
A split path Rx architecture may be attractive for those applica-
tions whose instantaneous dynamic range requirements exceed
the capability of a single AD9864 device. To cope with these
higher dynamic range requirements, two AD9864s can be oper-
ated in parallel with their respective clip points offset by a fixed
amount. Adding a fixed amount of attenuation in front of the
AD9864 and/or programming the attenuation setting of its in-
ternal VGA can adjust the input-referred clip point. To save
power and simplify hardware, the LO and CLK circuits of the
device can also be shared. Connecting the SYNCB pins of the two
devices and pulsing this line low synchronizes the two devices.
An example of this concept for possible use in a GSM base sta-
tion is shown in Figure 73. The signal chain consists of a high
linearity RF front end and IF stage followed by two AD9864s
operating in parallel. The RF front end consists of a duplexer
and preselect filter to pass the GSM RF band of interest. A high
performance LNA isolates the duplexer from the preselect filter
while providing sufficient gain to minimize system NF. An RF
mixer is used to downconvert the entire GSM band to a suitable
IF, where much of the channel selectivity is accomplished. The
170.6 MHz IF is chosen to avoid any self-induced spurs from
the AD9864. The IF stage consists of two SAW filters isolated
by a 15 dB gain stage.
The cascaded SAW filter response must provide sufficient
blocker rejection in order for the receiver to meet its sensitivity
requirements under worst-case blocker conditions. A compos-
ite response having 27 dB, 60 dB, and 100 dB rejection at
frequency offsets of ±0.8 MHz, ±1.6 MHz, and ±6.5 MHz, r
spectively, provides enough blocker suppression to ensure tha
the AD9864 with the lower clip point will not be overd
any blocker. This configuration results in the best possible re
ceiver sensitivity under all blocking conditions.
e-
t
riven by
-
The output of the last SAW filters drives the two AD9864s via a
direct signal path and an attenuated signal path. The direct path
corresponds to the AD9864 having the lowest clip point and
provides the highest receiver sensitivity with a system noise
figure of 4.7 dB. The VGA of this device is set for maximum
attenuation, so its clip point is approximately –17 dBm. Since
conversion gain from the antenna to the AD9864 is 19 dB, the
digital output of this path will nominally be selected unless the
target signal’s power exceeds –36 dBm at the antenna. The
attenuated path corresponds to the AD9864 having the highest
input-referred clip point, and its digital output point of this
path is set to 7 dBm by inserting a 30 dB attenuator and setting
the AD9864’s VGA to the middle of its 12 dB range. This
setting results in a ±6 dB adjustment of the clip point, allowing
the clip point difference to be calibrated to exactly 24 dB, so
that a simple 5-bit shift would make up the gain difference. The
attenuated path can handle signal levels up to –12 dB at the
antenna before being overdriven. Since the SAW filters provide
sufficient blocker suppression, the digital data from this path
need only be selected when the target signal exceeds –36 dBm.
Although the sensitivity of the receiver with the attenuated path
is 20 dB lower than the direct path, the strong target signal
ensures a sufficiently high carrier-to-noise ratio.
Since GSM is based on a TDMA scheme, digital data (or path)
selection can occur on a slot-by-slot basis. The AD9864 would
be configured to provide Serial I and Q data at a frame rate of
541.67 kSPS, as well as additional information including a 2-bit
reset field and a 6-bit RSSI field. These two fields contain the
information needed to decide whether the direct or attenuated
path should be used for the current time slot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com