Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9864 Datasheet HTML 34Page - Analog Devices AD9864 Datasheet HTML 35Page - Analog Devices AD9864 Datasheet HTML 36Page - Analog Devices AD9864 Datasheet HTML 37Page - Analog Devices AD9864 Datasheet HTML 38Page - Analog Devices AD9864 Datasheet HTML 39Page - Analog Devices AD9864 Datasheet HTML 40Page - Analog Devices AD9864 Datasheet HTML 41Page - Analog Devices AD9864 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
AD9864
The LO, CLK, and IFIN signals are coupled to their respective
inputs using 10 nF capacitors. The output of the mixer is cou-
pled to the input of the ADC using 100 pF. An external 100 kΩ
resistor from the RREF pin to GND sets up the AD9864’s
internal bias currents. VREFP and VREFN provide a differen-
tial reference voltage to the AD9864’s Σ-∆ ADC and must be
decoupled by a 0.01 µF differential capacitor along with two
100 pF capacitors to GND. The remaining capacitors are used
to decouple other sensitive internal nodes to GND.
Although power supply decoupling capacitors are not shown, it
is recommended that a 0.1 µF surface-mount capacitor be
placed as close as possible to each power supply pin for maxi-
mum effectiveness. Also not shown is the input impedance
matching network used to match the AD9864’s IF input to the
external IF filter. Lastly, the loop filter components associated
with the LO and CLK synthesizers are not shown.
LC component values for fCLK = 18 MHz are given Figure 70.
For other clock frequencies, the two inductors and the capaci-
tor of the LC tank should be scaled in inverse proportion to the
clock. For example, if fCLK = 26 MHz, the two inductors should
be = 6.9 µH and the capacitor should be about 120 pF. A toler-
ance of 10% is sufficient for these components since tuning of
the LC tank is performed upon system startup.
APPLICATIONS
SuperHeterodyne Receiver Example
The AD9864 is well suited for analog and/or digital narrow-band
radio systems based on a superheterodyne receiver architecture. The
superheterodyne architecture is noted for achieving exceptional
dynamic range and selectivity by using two or more downconversion
stages to provide amplification of the target signal while filtering the
undesired signals. The AD9864 greatly simplifies the design of these
radio systems by integrating the complete IF strip (excluding the LO
VCO) while providing an I/Q digital output (along with other sys-
tem parameters) for the demodulation of both analog and digital
modulated signals. The AD9864’s exceptional dynamic range often
simplifies the IF filtering requirements and eliminates the need for an
external AGC.
RF
INPUT
PRESELECT
FILTER
TUNER
IF CRYSTAL OR
SAW FILTER
VDDA
Σ-∆ ADC
LNA
VCO
ADF42xx
PLL SYN
REFIN
TO
DSP
AD9864
DECIMATION
FILTER
SAMPLE CLOCK
SYNTHESIZER
LOOP
FILTER
VCO
LOOP
FILTER
VDDC
FROM DSP
LO
SYNTH.
VOLTAGE
REFERENCE
SPI
CRYSTAL
OSCILLATOR
IFIN
–16dB
LNA
DAC AGC
FORMATTING/SSI
DOUTA
DOUTB
FS
CLKOUT
CONTROL LOGIC
IF2 =
fCLK/8
Figure 71. Typical Dual Conversion Superheterodyne Application Using the AD9864
Rev. 0 | Page 38 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com