Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9864 Datasheet HTML 33Page - Analog Devices AD9864 Datasheet HTML 34Page - Analog Devices AD9864 Datasheet HTML 35Page - Analog Devices AD9864 Datasheet HTML 36Page - Analog Devices AD9864 Datasheet HTML 37Page - Analog Devices AD9864 Datasheet HTML 38Page - Analog Devices AD9864 Datasheet HTML 39Page - Analog Devices AD9864 Datasheet HTML 40Page - Analog Devices AD9864 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
AD9864
70.5
70.0
–50
–70
–60
–90
–80
71.0
LO FREQUENCY (MHz)
Figure 68. Expanded View from 70 MHz to 71 MHz
90
50
0
–40
–20
–80
–60
100
IF FREQUENCY (MHz)
–120
–100
60
70
80
D =
fCLK/4 = 4.5MHz
DESIRED
RESPONSES
Figure 69. Response of AD9864 to a –20 dBm IF Input when fLO = 71.1 MHz
SPURIOUS RESPONSES
The spectral purity of the LO (including its phase noise) is an
important consideration since LO spurs can mix with unde-
sired signals present at the AD9864’s IFIN input to produce an
in-band response. To demonstrate the low LO spur level intro-
duced within the AD9864, Figure 69 plots the demodulated
output power as a function of the input IF frequency for an LO
frequency of 71.1 MHz and a clock frequency of 18 MHz.
The two large –10 dBFS spikes near the center of the plot are
the desired responses at fLO, ± fIF2_ADC, where fIF2_ADC = fCLK/8, i.e.,
at 68.85 MHz and 73.35 MHz. LO spurs at fLO ± fSPUR would
result in spurious responses at offsets of ± fSPUR around the
desired responses. Close-in spurs of this kind are not visible on
the plot, but small spurious responses at fLO ± fIF2_ADC ± fCLK, i.e.,
at 50.85 MHz, 55.35 MHz, 86.85 MHz, and 91.35 MHz, are
visible at the –90 dBFS level. This data indicates that the
AD9864 does an excellent job of preserving the purity of the LO
signal.
Figure 69 can also be used to gauge how well the AD9864
rejects undesired signals. For example, the half-IF response (at
69.975 MHz and 72.225 MHz) is approximately –100 dBFS,
giving a selectivity of 90 dB for this spurious response. The
largest spurious response at approximately –70 dBFS occurs
with input frequencies of 70.35 MHz and 71.85 MHz. These
spurs result from third order nonlinearity in the signal path
(i.e., abs [3 × fLO – 3 × fIF_INPUT] = fCLK /8).
EXTERNAL PASSIVE COMPONENT REQUIREMENTS
Figure 70 shows an example circuit using the AD9864 and
Table 19 shows the nominal dc bias voltages seen at the differ-
ent pins. The purpose is to show the various external passive
components required by the AD9864, along with nominal dc
voltages for troubleshooting purposes.
MXOP
MXON
GNDF
IF2N
IF2P
VDDF
GCP
GCN
VDDA
GNDA
VREFP
VREFN
GNDL
FREF
GNDS
SYNCB
GNDH
FS
DOUTB
DOUTA
CLKOUT
VDDH
VDDD
PE
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
25
26
27
28
29
30
31
32
33
34
35
36
AD9864
50
Ω
180pF
100pF
100
pF
2.2nF
100pF
10nF
100pF
100k
Ω
10nF
10nF
Figure 70. Example Circuit Showing Recommended Component Values
Table 19. Nominal DC Bias Voltages
Pin Number
Mnemonic
Nominal DC Bias (V)
1
MXOP
VDDI – 0.2
2
MXON
VDDI – 0.2
4
IF2N
1.3 – 1.7
5
IF2P
1.3 – 1.7
11
VREFP
VDDA/2 + 0.250
12
VREFN
VDDA/2 – 0.250
13
RREF
1.2
19
CLKP
VDDC – 1.3
20
CLKN
VDDC – 1.3
35
FREF
VDDC/2
41
CXVM
1.6 – 2.0
42
LON
1.65 – 1.9
43
LOP
1.65 – 1.9
44
CXVL
VDDI – 0.05
46
CXIF
1.6 – 2.0
47
IFIN
0.9 – 1.1
Rev. 0 | Page 37 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com