Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9864 Datasheet HTML 15Page - Analog Devices AD9864 Datasheet HTML 16Page - Analog Devices AD9864 Datasheet HTML 17Page - Analog Devices AD9864 Datasheet HTML 18Page - Analog Devices AD9864 Datasheet HTML 19Page - Analog Devices AD9864 Datasheet HTML 20Page - Analog Devices AD9864 Datasheet HTML 21Page - Analog Devices AD9864 Datasheet HTML 22Page - Analog Devices AD9864 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
AD9864
Table 8. SSI Control Registers
Name
Width
Default
Description
SSICRA (ADDR = 0x18)
AAGC
1
0
Alternate AGC Data Bytes.
EAGC
1
0
Embed AGC Data.
EFS
1
0
Embed Frame Sync.
SFST
1
1
Three-State Frame Sync.
SFSI
1
0
Invert Frame Sync.
SLFS
1
0
Late Frame Sync (1 = Late, 0 = Early).
SCKT
1
1
Three-state CLKOUT.
SCKI
1
0
Invert CLKOUT.
SSICRB (ADDR = 0x19)
4_SPI
1
0
Enable 4-Wire SPI Interface for SPI Read Operation via DOUTB.
DW
1
0
I/Q Data-Word Width (0 = 16 Bit, 1 Bit–24 Bit). Automatically 16-Bit when the AGCV = 1).
DS
3
7
FS, CLKOUT, and DOUT Drive Strength.
SSIORD (ADDR = 0x1A)
DIV
4
1
Output Bit Rate Divisor fCLKOUT = fCLK/SSIORD.
Rev. 0 | Page 19 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com