Electronic Components Datasheet Search
  English  ▼

X  

DP8390D Datasheet(PDF) 30 Page - Texas Instruments

Part # DP8390D
Description  NIC Network Interface Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8390D Datasheet(HTML) 30 Page - Texas Instruments

Back Button DP8390D Datasheet HTML 26Page - Texas Instruments DP8390D Datasheet HTML 27Page - Texas Instruments DP8390D Datasheet HTML 28Page - Texas Instruments DP8390D Datasheet HTML 29Page - Texas Instruments DP8390D Datasheet HTML 30Page - Texas Instruments DP8390D Datasheet HTML 31Page - Texas Instruments DP8390D Datasheet HTML 32Page - Texas Instruments DP8390D Datasheet HTML 33Page - Texas Instruments DP8390D Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
100 Internal Registers (Continued)
D7
D6
D5
D4
D3
D2
D1
D0
MAR0 FB7
FB6
FB5
FB4
FB3
FB2
FB1
FB0
MAR1 FB15 FB14 FB13 FB12 FB11 FB10 FB9
FB8
MAR2 FB23 FB22 FB21 FB20 FB19 FB18 FB17 FB16
MAR3 FB31 FB30 FB29 FB28 FB27 FB26 FB25 FB24
MAR4 FB39 FB38 FB37 FB36 FB35 FB34 FB33 FB32
MAR5 FB47 FB46 FB45 FB44 FB43 FB42 FB41 FB40
MAR6 FB55 FB54 FB53 FB52 FB51 FB50 FB49 FB48
MAR7 FB63 FB62 FB61 FB60 FB59 FB58 FB57 FB56
If address Y is found to hash to the value 32 (20H) then
FB32 in MAR4 should be initialized to ‘‘1’’ This will cause
the NIC to accept any multicast packet with the address Y
NETWORK TALLY COUNTERS
Three 8-bit counters are provided for monitoring the number
of CRC errors Frame Alignment Errors and Missed Pack-
ets The maximum count reached by any counter is 192
(C0H) These registers will be cleared when read by the
CPU The count is recorded in binary in CT0 – CT7 of each
Tally Register
Frame Alignment Error Tally (CNTR0)
This counter is incremented every time a packet is received
with a Frame Alignment Error The packet must have been
recognized by the address recognition logic The counter is
cleared after it is read by the processor
76543210
CNTR0 CT7
CT6
CT5
CT4
CT3
CT2
CT1
CT0
CRC Error Tally (CNTR1)
This counter is incremented every time a packet is received
with a CRC error The packet must first be recognized by
the address recognition logic The counter is cleared after it
is read by the processor
76543210
CNTR1 CT7
CT6
CT5
CT4
CT3
CT2
CT1
CT0
Frames Lost Tally Register (CNTR2)
This counter is incremented if a packet cannot be received
due to lack of buffer resources In monitor mode this coun-
ter will count the number of packets that pass the address
recognition logic
76543210
CNTR2 CT7
CT6
CT5
CT4
CT3
CT2
CT1
CT0
FIFO
This is an eight bit register that allows the CPU to examine
the contents of the FIFO after loopback The FIFO will con-
tain the last 8 data bytes transmitted in the loopback packet
Sequential reads from the FIFO will advance a pointer in the
FIFO and allow reading of all 8 bytes
76543210
FIFO DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Note
The FIFO should only be read when the NIC has been programmed in
loopback mode
NUMBER OF COLLISIONS (NCR)
This register contains the number of collisions a node expe-
riences when attempting to transmit a packet If no colli-
sions are experienced during a transmission attempt the
COL bit of the TSR will not be set and the contents of NCR
will be zero If there are excessive collisions the ABT bit in
the TSR will be set and the contents of NCR will be zero
The NCR is cleared after the TXP bit in the CR is set
76543210
NCR
NC3
NC2
NC1
NC0
110 Initialization Procedures
The NIC must be initialized prior to transmission or recep-
tion of packets from the network Power on reset is applied
to the NIC’s reset pin This clearssets the following bits
Register
Reset Bits
Set Bits
Command Register (CR)
TXP STA
RD2 STP
Interrupt Status (ISR)
RST
Interrupt Mask (IMR)
All Bits
Data Control (DCR)
LAS
Transmit Config (TCR)
LB1 LB0
The NIC remains in its reset state until a Start Command is
issued This guarantees that no packets are transmitted or
received and that the NIC remains a bus slave until all ap-
propriate internal registers have been programmed After
initialization the STP bit of the command register is reset
and packets may be received and transmitted
Initialization Sequence
The following initialization procedure is mandatory
1) Program Command Register for Page 0 (Command
Register e 21H)
2) Initialize Data Configuration Register (DCR)
3) Clear Remote Byte Count Registers (RBCR0 RBCR1)
4) Initialize Receive Configuration Register (RCR)
5) Place the NIC in LOOPBACK mode 1 or 2 (Transmit
Configuration Register e 02H or 04H)
6) Initialize
Receive
Buffer
Ring
Boundary
Pointer
(BNDRY)
Page Start (PSTART)
and Page Stop
(PSTOP)
7) Clear Interrupt Status Register (ISR) by writing 0FFh to
it
8) Initialize Interrupt Mask Register (IMR)
9) Program Command Register for page 1 (Command
Register e 61H)
i)Initialize Physical Address Registers (PAR0-PAR5)
ii)Initialize Multicast Address Registers (MAR0-MAR7)
iii)Initialize CURRent pointer
10) Put NIC in START mode (Command Register e 22H)
The local receive DMA is still not active since the NIC is
in LOOPBACK
11) Initialize the Transmit Configuration for the intended val-
ue The NIC is now ready for transmission and recep-
tion
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com