Electronic Components Datasheet Search
  English  ▼

X  

DP8390D Datasheet(PDF) 54 Page - Texas Instruments

Part # DP8390D
Description  NIC Network Interface Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8390D Datasheet(HTML) 54 Page - Texas Instruments

Back Button DP8390D Datasheet HTML 50Page - Texas Instruments DP8390D Datasheet HTML 51Page - Texas Instruments DP8390D Datasheet HTML 52Page - Texas Instruments DP8390D Datasheet HTML 53Page - Texas Instruments DP8390D Datasheet HTML 54Page - Texas Instruments DP8390D Datasheet HTML 55Page - Texas Instruments DP8390D Datasheet HTML 56Page - Texas Instruments DP8390D Datasheet HTML 57Page - Texas Instruments DP8390D Datasheet HTML 58Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
150 Switching Characteristics (Continued)
Serial TimingTransmit (Beginning of Frame)
TLF8582 – 90
Symbol
Parameter
Min
Max
Units
txch
Transmit Clock High Time
36
ns
txcl
Transmit Clock Low Time
36
ns
txcyc
Transmit Clock Cycle Time
80
120
ns
txcenh
Transmit Clock to Transmit Enable High
48
ns
(Note 1)
txcsdv
Transmit Clock to Serial Data Valid
67
ns
txcsdh
Serial Data Hold Time from
10
ns
Transmit Clock High
Note 1
The NIC issues TXEN coincident with the first bit of preamble The first bit of preamble is always a 1
Serial TimingTransmit (End of Frame CD Heartbeat)
TLF8582 – 91
Symbol
Parameter
Min
Max
Units
tcdl
Transmit Clock to Data Low
55
ns
tcenl
Transmit Clock to TXEN Low
55
ns
tdcdh
TXEN Low to Start of Collision
064
txcyc
Detect Heartbeat (Note 1)
cycles
cdhw
Collision Detect Width
2
txcyc
cycles
Note 1
If COL is not seen during the first 64 TX clock cycles following de-assertion of TXEN the CDH bit in the TSR is set
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com