Electronic Components Datasheet Search
  English  ▼

X  

DP8390D Datasheet(PDF) 41 Page - Texas Instruments

Part # DP8390D
Description  NIC Network Interface Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8390D Datasheet(HTML) 41 Page - Texas Instruments

Back Button DP8390D Datasheet HTML 37Page - Texas Instruments DP8390D Datasheet HTML 38Page - Texas Instruments DP8390D Datasheet HTML 39Page - Texas Instruments DP8390D Datasheet HTML 40Page - Texas Instruments DP8390D Datasheet HTML 41Page - Texas Instruments DP8390D Datasheet HTML 42Page - Texas Instruments DP8390D Datasheet HTML 43Page - Texas Instruments DP8390D Datasheet HTML 44Page - Texas Instruments DP8390D Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
150 Switching Characteristics (Continued)
Register Read (Non Latched ADS0 e 1)
TLF8582 – 77
Symbol
Parameter
Min
Max
Units
rsrs
Register Select to Read Setup
10
ns
(Notes 1 3)
rsrh
Register Select Hold from Read
0
ns
ackdv
ACK Low to Valid Data
55
ns
rdz
Read Strobe to Data TRI-STATE
15
70
ns
(Note 2)
rackl
Read Strobe to ACK Low (Note 3)
n bcyc a 30
ns
rackh
Read Strobe to ACK High
30
ns
Note 1
rsrs includes flow-through time of latch
Note 2
These limits include the RC delay inherent in our test method These signals typically turn off within 15 ns enabling other devices to drive these lines with
no contention
Note 3
CS may be asserted before or after RA0–3 and SRD since address decode begins when ACK is asserted If CS is asserted after RA0-3 and SRD rack1
is referenced from falling edge of CS
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com