Electronic Components Datasheet Search
  English  ▼

X  

DP8390D Datasheet(PDF) 43 Page - Texas Instruments

Part # DP8390D
Description  NIC Network Interface Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8390D Datasheet(HTML) 43 Page - Texas Instruments

Back Button DP8390D Datasheet HTML 39Page - Texas Instruments DP8390D Datasheet HTML 40Page - Texas Instruments DP8390D Datasheet HTML 41Page - Texas Instruments DP8390D Datasheet HTML 42Page - Texas Instruments DP8390D Datasheet HTML 43Page - Texas Instruments DP8390D Datasheet HTML 44Page - Texas Instruments DP8390D Datasheet HTML 45Page - Texas Instruments DP8390D Datasheet HTML 46Page - Texas Instruments DP8390D Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
150 Switching Characteristics (Continued)
Register Write (Non Latched ADS0 e 1)
TLF8582 – 79
Symbol
Parameter
Min
Max
Units
rsws
Register Select to Write Setup
15
ns
(Note 1)
rswh
Register Select Hold from Write
0
ns
rwds
Register Write Data Setup
20
ns
rwdh
Register Write Data Hold
21
ns
wackl
Write Low to ACK Low
n bcyc a 30
ns
(Note 2)
wackh
Write High to ACK High
30
ns
ww
Write Width from ACK
50
ns
Note 1
Assumes ADS0 is high when RA0–3 changing
Note 2
ACK is not generated until CS and SWR are low and the NIC has synchronized to the register access In Dual Bus systems additional cycles will be used for
a local DMA or remote DMA to complete
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com