Electronic Components Datasheet Search
  English  ▼

X  

DP8390D Datasheet(PDF) 46 Page - Texas Instruments

Part # DP8390D
Description  NIC Network Interface Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8390D Datasheet(HTML) 46 Page - Texas Instruments

Back Button DP8390D Datasheet HTML 42Page - Texas Instruments DP8390D Datasheet HTML 43Page - Texas Instruments DP8390D Datasheet HTML 44Page - Texas Instruments DP8390D Datasheet HTML 45Page - Texas Instruments DP8390D Datasheet HTML 46Page - Texas Instruments DP8390D Datasheet HTML 47Page - Texas Instruments DP8390D Datasheet HTML 48Page - Texas Instruments DP8390D Datasheet HTML 49Page - Texas Instruments DP8390D Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
150 Switching Characteristics (Continued)
DMA Memory Read
TLF8582 – 82
Symbol
Parameter
Min
Max
Units
bcrl
Bus Clock to Read Strobe Low
43
ns
bcrh
Bus Clock to Read Strobe High
40
ns
ds
Data Setup to Read Strobe High
25
ns
dh
Data Hold from Read Strobe High
0
ns
drw
DMA Read Strobe Width Out
2 bcyc b 15
ns
raz
Memory Read High to Address TRI-STATE
bch a 40
ns
(Notes 1 2)
asds
Address Strobe to Data Strobe
bcl a 10
ns
dsada
Data Strobe to Address Active
bcyc b 10
ns
avrh
Address Valid to Read Strobe High
3 bcyc b 15
ns
Note 1
During a burst A8–A15 are not TRI-STATE if byte wide transfers are selected On the last transfer A8–A15 are TRI-STATE as shown above
Note 2
These limits include the RC delay inherent in our test method These signals typically turn off within bch a 15 ns enabling other devices to drive these
lines with no contention
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com