Electronic Components Datasheet Search
  English  ▼

X  

DP8390D Datasheet(PDF) 45 Page - Texas Instruments

Part # DP8390D
Description  NIC Network Interface Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8390D Datasheet(HTML) 45 Page - Texas Instruments

Back Button DP8390D Datasheet HTML 41Page - Texas Instruments DP8390D Datasheet HTML 42Page - Texas Instruments DP8390D Datasheet HTML 43Page - Texas Instruments DP8390D Datasheet HTML 44Page - Texas Instruments DP8390D Datasheet HTML 45Page - Texas Instruments DP8390D Datasheet HTML 46Page - Texas Instruments DP8390D Datasheet HTML 47Page - Texas Instruments DP8390D Datasheet HTML 48Page - Texas Instruments DP8390D Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
150 Switching Characteristics (Continued)
DMA Address Generation
TLF8582 – 81
Symbol
Parameter
Min
Max
Units
bcyc
Bus Clock Cycle Time
50
1000
ns
(Note 2)
bch
Bus Clock High Time
225
ns
bcl
Bus Clock Low Time
225
ns
bcash
Bus Clock to Address Strobe High
34
ns
bcasl
Bus Clock to Address Strobe Low
44
ns
aswo
Address Strobe Width Out
bch
ns
bcadv
Bus Clock to Address Valid
45
ns
bcadz
Bus Clock to Address TRI-STATE
15
55
ns
(Note 3)
ads
Address Setup to ADS01 Low
bch b 15
ns
adh
Address Hold from ADS01 Low
bcl b 5ns
Note 1
Cycles T1’ T2’ T3’ T4’ are only issued for the first transfer in a burst when 32-bit mode has been selected
Note 2
The rate of bus clock must be high enough to support transfers tofrom the FIFO at a rate greater than the serial network transfers fromto the FIFO
Note 3
These limits include the RC delay inherent in our test method These signals typically turn off within 15 ns enabling other devices to drive these lines with
no contention
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com