| Electronic Components Datasheet Search |
|
DP8390D Datasheet(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DP8390D Datasheet(HTML) 34 Page - Texas Instruments |
|
34 / 58 page ![]() 130 Bus Arbitration and Timing The NIC operates in three possible modes TLF8582 – 64 Upon power-up the NIC is in an indeterminant state After receiving a Hardware Reset the NIC comes up as a slave in the Reset State The receiver and transmitter are both dis- abled in this state The reset state can be reentered under three conditions soft reset (Stop Command) hard reset (RESET input) or an error that shuts down the receiver or transmitter (FIFO underflow or overflow) After initialization of registers the NIC is issued a Start command and the NIC enters Idle state Until the DMA is required the NIC remains in an idle state The idle state is exited by a request from the FIFO in the case of receive or transmit or from the Remote DMA in the case of Remote DMA operation After acquiring the bus in a BREQBACK handshake the Remote or Local DMA transfer is completed and the NIC reenters the idle state DMA TRANSFERS TIMING The DMA can be programmed for the following types of transfers 16-Bit Address 8-bit Data Transfer 16-Bit Address 16-bit Data Transfer 32-Bit Address 8-bit Data Transfer 32-Bit Address 16-bit Data Transfer All DMA transfers use BSCK for timing 16-Bit Address modes require 4 BSCK cycles as shown below 16-Bit Address 8-Bit Data TLF8582 – 65 33 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |