Electronic Components Datasheet Search
  English  ▼

X  

DP8390D Datasheet(PDF) 6 Page - Texas Instruments

Part # DP8390D
Description  NIC Network Interface Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8390D Datasheet(HTML) 6 Page - Texas Instruments

Back Button DP8390D Datasheet HTML 2Page - Texas Instruments DP8390D Datasheet HTML 3Page - Texas Instruments DP8390D Datasheet HTML 4Page - Texas Instruments DP8390D Datasheet HTML 5Page - Texas Instruments DP8390D Datasheet HTML 6Page - Texas Instruments DP8390D Datasheet HTML 7Page - Texas Instruments DP8390D Datasheet HTML 8Page - Texas Instruments DP8390D Datasheet HTML 9Page - Texas Instruments DP8390D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
50 Pin Descriptions (Continued)
BUS INTERFACE PINS
(Continued)
Symbol
DIP Pin No
Function
Description
CS
19
I
CHIP SELECT
Chip Select places controller in slave mode for mP access to
internal registers Must be valid through data portion of bus cycle RA0 – RA3 are
used to select the internal register SWR and SRD select direction of data
transfer
MWR
20
OZ
MASTER WRITE STROBE
Strobe for DMA transfers active low during write
cycles (t2 t3 tw) to buffer memory Rising edge coincides with the presence of
valid output data TRI-STATE until BACK asserted
MRD
21
OZ
MASTER READ STROBE
Strobe for DMA transfers active during read cycles
(t2 t3 tw) to buffer memory Input data must be valid on rising edge of MRD
TRI-STATE until BACK asserted
SWR
22
I
SLAVE WRITE STROBE
Strobe from CPU to write an internal register selected
by RA0 – RA3
SRD
23
I
SLAVE READ STROBE
Strobe from CPU to read an internal register selected
by RA0 – RA3
ACK
24
O
ACKNOWLEDGE
Active low when NIC grants access to CPU Used to insert
WAIT states to CPU until NIC is synchronized for a register read or write
operation
RA0 – RA3
45 – 48
I
REGISTER ADDRESS
These four pins are used to select a register to be read
or written The state of these inputs is ignored when the NIC is not in slave mode
(CS high)
PRD
44
O
PORT READ
Enables data from external latch onto local bus during a memory
write cycle to local memory (remote write operation) This allows asynchronous
transfer of data from the system memory to local memory
WACK
43
I
WRITE ACKNOWLEDGE
Issued from system to NIC to indicate that data has
been written to the external latch The NIC will begin a write cycle to place the
data in local memory
INT
42
O
INTERRUPT
Indicates that the NIC requires CPU attention after reception
transmission or completion of DMA transfers The interrupt is cleared by writing
to the ISR All interrupts are maskable
RESET
41
I
RESET
Reset is active low and places the NIC in a reset mode immediately no
packets are transmitted or received by the NIC until STA bit is set Affects
Command Register Interrupt Mask Register Data Configuration Register and
Transmit Configuration Register The NIC will execute reset within 10 BUSK
cycles
BREQ
31
O
BUS REQUEST
Bus Request is an active high signal used to request the bus for
DMA transfers This signal is automatically generated when the FIFO needs
servicing
BACK
30
I
BUS ACKNOWLEDGE
Bus Acknowledge is an active high signal indicating that
the CPU has granted the bus to the NIC If immediate bus access is desired
BREQ should be tied to BACK Tying BACK to VCC will result in a deadlock
PRQ ADS1
29
OZ
PORT REQUESTADDRESS STROBE 1
 32-BIT MODE If LAS is set in the Data Configuration Register this line is
programmed as ADS1 It is used to strobe addresses A16 – A31 into external
latches (A16 – A31 are the fixed addresses stored in RSAR0 RSAR1) ADS1
will remain at TRI-STATE until BACK is received
 16-BIT MODE If LAS is not set in the Data Configuration Register this line is
programmed as PRQ and is used for Remote DMA Transfers In this mode
PRQ will be a standard logic output
NOTE This line will power up as TRI-STATE until the Data Configuration
Register is programmed
READY
28
I
READY
This pin is set high to insert wait states during a DMA transfer The NIC
will sample this signal at t3 during DMA transfers
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com