Electronic Components Datasheet Search
  English  ▼

X  

DP8390D Datasheet(PDF) 44 Page - Texas Instruments

Part # DP8390D
Description  NIC Network Interface Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8390D Datasheet(HTML) 44 Page - Texas Instruments

Back Button DP8390D Datasheet HTML 40Page - Texas Instruments DP8390D Datasheet HTML 41Page - Texas Instruments DP8390D Datasheet HTML 42Page - Texas Instruments DP8390D Datasheet HTML 43Page - Texas Instruments DP8390D Datasheet HTML 44Page - Texas Instruments DP8390D Datasheet HTML 45Page - Texas Instruments DP8390D Datasheet HTML 46Page - Texas Instruments DP8390D Datasheet HTML 47Page - Texas Instruments DP8390D Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
150 Switching Characteristics (Continued)
DMA Control Bus Arbitration
TLF8582 – 80
Symbol
Parameter
Min
Max
Units
brqhl
Bus Clock to Bus Request High for Local DMA
43
ns
brqhr
Bus Clock to Bus Request High for Remote DMA
38
ns
brql
Bus Request Low from Bus Clock
55
ns
backs
Acknowledge Setup to Bus Clock
2ns
(Note 1)
bccte
Bus Clock to Control Enable
60
ns
bcctr
Bus Clock to Control Release
70
ns
(Notes 2 3)
Note 1
BACK must be setup before T1 after BREQ is asserted Missed setup will slip the beginning of the DMA by four bus clocks The Bus Latency will influence
the allowable FIFO threshold and transfer mode (emptyfill vs exact burst transfer)
Note 2
During remote DMA transfers only a single bus transfer is performed During local DMA operations burst mode transfers are performed
Note 3
These limits include the RC delay inherent in our test method These signals typically turn off within 15 ns enabling other devices to drive these lines with
no contention
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com