Electronic Components Datasheet Search
  English  ▼

X  

DP83924BVCE Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924BVCE
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924BVCE Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button DP83924BVCE Datasheet HTML 18Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 19Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 20Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 21Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 22Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 23Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 24Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 25Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
22
www.national.com
4.0 Register Descriptions (Continued)
This register controls the various operating modes available for the transceiver and ENDEC functions. There is one reg-
ister per ENDEC/Transceiver on this device.
Table 12. Port N Control/Status Register, addr = 00h - 03h (port 1 to port 4)
D15
D14
D13
D12
D11
D10 : D9
D8
D7
D6 : D3
D2
D1
D0
RST
LPBK
LNKPLS
FDX
JABE
RESV
LNKDIS
ERR
RESV
POLST
LNK ST
JAB ST
Name
Bit
Reset
Value
Description
Type
RST
D15
0
Software Reset/Enable: If this bit is set to ‘1’, then this port’s transceiv-
ers and ENDEC modules are reset back to their idle state (IEEE state
diagram idle state, i.e. it will reestablish link, re auto-negotiate). If this bit
is ‘0’, then normal operation is expected. Software reset doesn’t sample
the strap options. (See Sec tion3.3 .15 on page16) This bit is self clear-
ing.
R/W
LPBK
D14
0
Loopback Transceiver: If this bit is set, then this port’s 10base-T trans-
ceiver will loop data from near the network interface pins back to the
MAC, to test the operation of the transceiver. If reset, loopback is dis-
abled.
R/W
LINKPLS
D13
0
Link pulse transmission: Transmission of Link Pulses can be turned
off by setting this bit to ‘1’. If this bit is set to ‘0’, normal operation (Link
Pulse Transmission Enabled) is resumed.
R/W
FDX
D12
Opposite of
the strap
option
FDX[4:1]
Full Duplex Operation: If this bit is ‘1’, then the ports full duplex capa-
bility is enabled. If ‘0’, then half-duplex is enabled. The reset value is de-
termined by the mode selected by the FDX[4:1] pins and is opposite of
the strap value. (i.e. if strap FDX=’1’ then reset value of this bit = ‘0’)
R/W
JABE
D11
1
Jabber Enable: If this bit is set, then the ports jabber function is en-
abled. If reset, then the jabber feature is disabled.
R/W
resv
D10-9
0
Reserved: must be written with ‘0’.
R/W
LNKDIS
D8
0
Link Detect Disable: If this bit is set, this port’s link detection circuitry
will be disabled and regardless of the link condition, good_link will be es-
tablished. If reset, then normal link operation is enabled.
R/W
ERR
D7
0
LED Error: If this bit is set, this port’s status LED will go solid. If reset,
normal LED operation is resumed.This bit can be set by management
entity based on any criteria and will be used only as a visual prompt. The
status LED is only available during normal LED mode of operation.
R/W
resv
D6-3
0
Reserved: must be written with ‘0’.
R/W
POL ST
D2
1
Polarity Status: This bit is set when bad polarity has been detected.
Status bit, read-only. This bit is only meaningful if ENPOLSW bit D9 of
register 08h has been set.
R
LNK ST
D1
1
Link Status: This bit is set, when the port is in the link-fail state. (Even
in forced AUI mode on port 1, this bit will still indicate TPI link status for
port1). If link detect is disabled by setting bit D8 above, then this bit is
always = 0 (good link state).
R
JAB ST
D0
0
Jabber Status: This bit is set, when the port is in the jabber condition.
Status bit, read-only. This bit is always = 0 (no jabber condition) if bit
D11 above is reset (jabber disabled).
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com