Electronic Components Datasheet Search
  English  ▼

X  

DP83924BVCE Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924BVCE
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924BVCE Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP83924BVCE Datasheet HTML 2Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 3Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 4Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 5Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 6Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 7Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 8Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 9Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
1.0 Pin Information (Continued)
6
www.national.com
MDIO
LINK_4
94
I/O
Management Data I/O: When management interface is enabled (strap option,
COL[2]=1), this Bidirectional signal transfers data on the management interface be-
tween the controller and the transceiver.
Link Lost Status Port 4: When “Disable Management Interface” mode is selected,
(strap option, COL[2]=0), this pin outputs the link lost status for port 4. If link is lost, this
output is high.
INT
LINK_3
92
OD
Interrupt: When “Enable Management Interface” mode is selected (strap option,
COL[2]=1), this output pin is driven low when an interrupt condition is detected within
the Quad Transceiver. An interrupt can occur when link status changes or during jabber
condition. This is an open-drain output. And requires an external pull-up resistor.
Link Lost Status Port 3: When “Disable Management Interface” mode is selected,
(strap option, COL[2]=0), this pin outputs the link lost status for port 3. If link is lost, this
output is high.
LINK_2
LINK_1
90
89
O, pull-up
O, pull-up
Link Lost Status Ports 1,2: These pins indicate the link lost status for ports 1 and 2.
(During both management interface disable and enable modes)
LINK_1 is also the strap option for RXD levels during idle . S ee Table7 on page11. A
2.7 k
Ω pulldown resistor is needed to set RXD_IDLE = High. Default is LINK_1=’1’ and
RXD_IDLE= Low
Table 1. NRZ CONTROLLER INTERFACE and MANAGEMENT INTERFACE.
These pins provide the interface signalling between the Media Access Controller and the transceiver. (30 Pins)
Symbol
Pin #
Type
Description
Table 2. NETWORK INTERFACES: Attachment Unit, Twisted Pair Interface (24 Pins)
Symbol
Pins
Type
Description
RXI4+
RXI4-
RXI3+
RXI3-
RXI2+
RXI2-
RXI1+
RXI1-
29
30
19
20
17
18
7
8
I
Twisted Pair Receive Input: This differential input pair receives the incoming data from
the twisted pair medium via an isolation transformer.
TXU4+
TXU4-
TXU3+
TXU3-
TXU2+
TXU2-
TXU1+
TXU1-
25
26
23
24
13
14
11
12
O
UTP Transmit Outputs: This pair of drivers provide pre-emphasized and filtered differ-
ential output for UTP (100 ohm cable). These drivers maintain the same common mode
voltage during data transmission and idle mode.
Reserved
33
I
Reserved: This pin must be left unconnected.
ROC
34
I
On Chip Reference: An external resistor connects to ground for an on chip reference.
The resistor must be a precision (1%) resistor, the value of which should be determined
by each user to center VOD around 5 Vpp.
Attachment Unit Interface
RX+
RX-
5
6
I
Port 1 Full AUI Receive Input: In AUI mode this differential input pair receives the in-
coming data from the AUI medium via an isolation transformer.
TX+
TX-
1
2
O
Port 1 Full AUI Transmit Output: In AUI mode this differential pair sends encoded data
from the AUI transceiver. These outputs are source followers and require 270 Ohm pull
down resistors.
CD+
CD-
34
I
Port 1 Full AUI Collision Detect : In AUI mode, this differential input pair receives the
collision detect signals from the AUI medium via an isolation transformer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com