Electronic Components Datasheet Search
  English  ▼

X  

DP83924BVCE Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924BVCE
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924BVCE Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button DP83924BVCE Datasheet HTML 34Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 35Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 36Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 37Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 38Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 39Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 40Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 41Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 42Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
7.0 AC and DC Electrical Specifications (Continued)
41
www.national.com
7.2.15 AUI Collision Specifications
7.2.16 Network Test Loads
Note: The 40
Ω load is the effective differential resistance seen by the TXU pins during normal operation. P lease see Figure6 which shows a 1:
2transformer
for the TXU pins. Since a 100
Ω load on the other side of a 1:2 transformer looks like a 25Ω load to the TXU side of the transformer, the equivalent differential
resistance seen by the transmitting
port is = 10.5//Zc + 25 + 10.5//Zc ~= 40
Ω where Zc is the impedance of the 1000 pf capacitors. For 10BASE-T
frequencies between 5 MHz and 10 MHz this impedance varies between 32 to 16
Ω in // with the 10.5 Ω resistors.
7.2.17 AC Timing Test Condition
Symbol
Parameter
Min
Max
Units
t49
Collision Turn On Delay (CD
± to COL)
600
ns
t50
Collision Turn Off Delay (CD
± to COL)
900
ns
Figure 15. Attachment Unit Interface Load for ATE testing
Figure 16. Twisted Pair Interface Load for ATE testing
Reference
Limits
Input Levels (Digital Pins, tR = tF = 3ns)
0 V - 3.0 V
Input/Output Reference Levels (Digital Pins)
1.5 V
Differential Input Reference Levels
2.0 Vpp
Differential Input/Output Reference Levels
50% of Differential
CD±
COL
t49
t50
27 uH
78
Ω
TX+
TX-
TX OutputTest Load
40a
Ω
TXU+
TXU-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com