Electronic Components Datasheet Search
  English  ▼

X  

DP83924BVCE Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924BVCE
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924BVCE Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DP83924BVCE Datasheet HTML 10Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 11Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 12Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 13Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 14Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 15Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 16Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 17Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
14
www.national.com
3.0 Detailed Functional Description
This product utilizes the standard 10BASE-T and AUI inter-
face core building blocks which are replicated on this
device, one per port. The basic function of these blocks are
described in the following sections. Also described are the
common digital blocks. Refer to “Block Diagra m” on page2.
3.1 Twisted Pair Functional Description
3.1.1 Smart Squelch
The Smart Squelch is responsible for determining when
valid data is present on the differential receive inputs (RXI±).
The Twisted Pair Transceiver (TPT) implements an intelli-
gent receive squelch on the RXI ± differential inputs to
ensure that impulse noise on the receive inputs will not be
mistaken for a valid signal.
The squelch circuitry employs a combination of amplitude
and timing measurements to determine the validity of data
on the twisted pair inputs. The operation of the smart
squelch is shown in Fi gure9.
The signal at the start of packet is checked by the smart
squelch and any pulses not exceeding the squelch level
(either positive or negative, depending upon polarity) will
be rejected. Once this first squelch level is overcome cor-
rectly the opposite squelch level must then be exceeded
within 150ns. Finally, the signal must exceed the original
squelch level within an additional 150ns to ensure that the
input waveform will not be rejected. The checking proce-
dure results in the loss of typically three bits at the begin-
ning of each packet.
Only after all these conditions have been satisfied will a
control signal be generated to indicate to the remainder of
the circuitry that valid data is present. At this time, the
smart squelch circuitry is reset.
Valid data is considered to be present until squelch level
has not been generated for a time longer than 150ns, indi-
cating End of Packet. Once good data has been detected
the squelch levels are reduced to minimize the effect of
noise causing premature End of Packet detection.
3.1.2 Carrier Sense
Carrier Sense (CRS) may be asserted due to receive activ-
ity once valid data is detected via the Smart squelch func-
tion.
For 10 Mb/s Half Duplex operation, CRS is asserted during
either packet transmission or reception.
For 10 Mb/s Full Duplex operation, CRS is asserted only
due to receive activity.
CRS is deasserted following an end of packet.
3.1.3 Collision Detect and Heartbeat
A collision is detected on the twisted pair cable when the
receive and transmit channels are active simultaneously. If
the ENDEC is receiving when a collision is detected (AUI
only) it is reported to the MAC block immediately (through
the COL signal). If, however, the ENDEC is transmitting
when a collision is detected the collision is not reported
until seven bits have been received while in the collision
state. This prevents a collision being reported incorrectly
due to noise on the network. The COL signal remains for
the duration of the collision.
Approximately 1 µusec after the transmission of each packet
a signal called the Signal Quality Error (SQE) consisting of
typically 10 cycles of a 10MHz signal is generated by a10
Mbps transceiver. This 10MHz signal, also called the
Heartbeat, assures the continued functioning of the colli-
sion circuitry. The transceiver attached to the AUI port will
send this signal to the 4TPHY through the CD pins. 4TPHY
will respond by sending a pulse on the COL line to the
MAC. See Section 7.2.16 on page41.
Also after each transmission, the 4TPHY itself will generate
a Hearbeat signal by applying a 1 us pulse on the COL
lines which go into the MAC. See Sec tion7.2.10 on
pa ge38.
3.1.4 Link Detector/Generator
The link generator is a timer circuit that generates a link
pulse as defined by the 10 Base-T specification that will be
sent by the transmitter section. The pulse which is 100ns
wide is transmitted on the transmit output, every 16ms, in
the absence of transmit data. The pulse is used to check
the integrity of the connection to the remote MAU.
The link detection circuit checks for valid pulses from the
remote MAU and if valid link pulses are not received the
link detector will disable the twisted pair transmitter,
receiver and collision detection functions.
3.1.5 Jabber
The Jabber function disables the transmitter if it attempts to
transmit a much longer than legal sized packet. The jabber
timer monitors the transmitter and disables the transmis-
sion if the transmitter is active for greater than 20-30ms.
The transmitter is then disabled for the entire time that the
ENDEC module's internal transmit is asserted. The trans-
mitter signal has to be deasserted for approximately 400-
600ms (the unjab time) before the Jabber re-enables the
transmit outputs.
There is also a jabber disable bit in each of the port con-
trol/status registers which when activated, disables the jab-
ber function.
3.1.6 Transmit Driver
The transmit driver function utilizes the internal filters to
provide a properly matched and waveshaped output which
directly drives the isolation transformer/choke.
3.1.7 Transmit Filter
There is no need for external filters on the twisted pair
transmit interface because the filters are integrated. Only
an isolation transformer and impedance matching resistors
are needed for the transmit twisted pair interface (see
Figur e6 in the previous section). The transmit filter
ensures that all the harmonics in the transmit signal are
attenuated by at least 27dB. The transmit signal requires a
Figure 9. Twisted Pair Squelch Operation Diagram
>200ns
start of packet
end of packet
VSQon+
<150ns
<150ns
VSQoff+
VSQon-
VSQoff-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com