Electronic Components Datasheet Search
  English  ▼

X  

DP83924BVCE Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924BVCE
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924BVCE Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button DP83924BVCE Datasheet HTML 26Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 27Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 28Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 29Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 30Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 31Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 32Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 33Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
6.0 User Information (Continued)
30
www.national.com
6.6 Link pulse template:
Issue:
The 924B will not link if the received NLPs have under-
shoot exceeding 800 mV for a duration exceeding 80 ns.
Description:
IEEE 802.3 Clause 14, section 14.3.1.2.1 Figure 14-12
shows the template for link test pulse. This template allows
undershoot up to -3.1V. For link pulses fitting this template
but having large undershoot, the 924B will not correctly
detect link.
Impact:
We don’t believe the above is a problem, because there
are no NIC cards which have the extreme undershoots
allowed in the above template. The 924B is robust enough
to link even with NLPs having large undershoot, as long as
the undershoot doesn’t exceed -800 mV and lasts less
than 80 ns.
Die Revision Plan:
None.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com