Electronic Components Datasheet Search
  English  ▼

X  

DP83924BVCE Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924BVCE
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924BVCE Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP83924BVCE Datasheet HTML 1Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 2Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 3Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 4Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 5Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 6Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 7Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 8Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
© 1998 National Semiconductor Corporation
www.national.com
October 1998
DP83924BVCE
Quad 10 Mb/s Ethernet Physical Layer - 4TPHY™
General Description
The DP83924B Quad 10Mbps Ethernet Physical Layer
(4TPHY) is a 4-Port Twisted Pair PHYsical Layer Trans-
ceiver that includes all the circuitry required to interface
four
Ethernet
Media
Access Controllers
(MACs) to
10BASE-T.
This device is ideally suited for switch hub
applications where 8 to 32 ports are commonly used.
The 4TPHY has three dedicated 10Base-T ports. There is
an additional port that is selectable for either 10Base-T or
for an Attachment Unit Interface (AUI). In 10Base-T mode,
any port can be configured to be Half or Full Duplex.
(Continued)
Features
s 100 pin package
s 10BASE-T and AUI interfaces
s Automatic or manual selection of twisted pair or Attach-
ment Unit Interfaces on port 1
s Direct Interface to NRZ Compatible controllers
s IEEE 802.3u Auto-Negotiation between 10Mb/s Full
and Half Duplex data traffic and parallel detection
s MII-like Serial management interface for configuration
and monitoring of ENDEC/Transceiver operation.
System Diagram
AUI
TPI
MAC Serial
NRZ Interface
10BASE-T
DP83924B
10BASE-2
Serial Mgmt Interface
TXD4,TXE4
RXD4,RXC4,COL4,CRS4
(port 1 option)
MAC
TXD3,TXE3
RXD3,RXC3,COL3,CRS3
TXD2,TXE2
RXD2,RXC2,COL2,CRS2
TXD1,TXE1
RXD1,RXC1,COL1,CRS1
TXC
ports 1-4
MDIO
MDC
s Programmable MAC Interface supports most
standard 7 signal MAC interfaces
s Twisted Pair Transceiver Module
– On-chip filters for transmit outputs
– Low Power Driver
– Heartbeat and Jabber Timers
– Link Disable and Smart Receive Squelch
– Polarity detection and correction
– Jabber Enable/Disable
– Isolate mode for diagnostics
– Low Power Class AB Attachment Unit Interface (AUI)
Driver for one port
– Enhanced Supply Rejection
– Enhanced Jitter Performance
– Diagnostic Endec Loopback
– Squelch on Collision and Receive Pair
s Serial LED interface for LINK, POLARITY, ACTIVITY,
and ERROR.
s JTAG Boundary Scan per IEEE 1149.1
4TPHY™ is a trademark of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconduct or Corporation.


Similar Part No. - DP83924BVCE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83924B TI1-DP83924B Datasheet
435Kb / 44P
DP83924B Quad 10 Mb/s Ethernet Physical Layer - 4TPHY
More results

Similar Description - DP83924BVCE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83840A NSC-DP83840A Datasheet
434Kb / 89P
10/100 Mb/s Ethernet Physical Layer
logo
PMC-Sierra, Inc
PM5349 PMC-PM5349 Datasheet
72Kb / 4P
Quad 155 Mb/s ATM Physical Layer Device
logo
National Semiconductor ...
DP83848I NSC-DP83848I Datasheet
2Mb / 82P
Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
TLK100 TI-TLK100_11 Datasheet
876Kb / 88P
Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83924B TI1-DP83924B Datasheet
435Kb / 44P
DP83924B Quad 10 Mb/s Ethernet Physical Layer - 4TPHY
DP83848C TI-DP83848C Datasheet
711Kb / 86P
Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848CVV TI1-DP83848CVV Datasheet
722Kb / 86P
Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83840AVCE TI1-DP83840AVCE Datasheet
682Kb / 91P
10/100 Mb/s Ethernet Physical Layer
DP83848CVVX TI1-DP83848CVVX Datasheet
617Kb / 86P
Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
PMC-Sierra, Inc
PM5349-1 PMC-PM5349-1 Datasheet
60Kb / 2P
Quad 155 Mb/s ATM Physical Layer Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com