Electronic Components Datasheet Search
  English  ▼

X  

DP83924BVCE Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924BVCE
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924BVCE Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DP83924BVCE Datasheet HTML 13Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 14Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 15Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 16Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 17Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 18Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 19Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 20Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
3.0 Detailed Functional Description (Continued)
17
www.national.com
control logic is used to select the non-default modes,
instead of pull down resistors, then the level on the strap-
ping pins must be maintained for approximately 10 clocks
after the RESET signal deasserts.
There are 3 different ways to reset the device or ports. One
of them is during power-up. The second method is hard-
ware reset where a low active pulse is applied to the
RESET pin. The third method is software reset of individual
ports by writing a ‘1’ to bit D15 of the port status/control
registers 0000h-0003h. This reset doesn’t reset the device
and doesn’t sample the strap options. Please see register
definitions for details.
3.3.16 On Chip Reference (ROC)
This pin connects to an external precision (1%) resistor to
ground for the on chip reference. The recommended value
of this resistor will be determined when device character-
ization is complete. The user should adjust this value
based on the specific board design. (Estimated range is
between 0-5 k
Ω.)
3.4 Auto-negotiation Block
3.4.17 IEEE 802.3u AUTO-NEGOTIATION
The Auto-Negotiation function provides a mechanism for
exchanging configuration information between two ends of
a link segment and automatically selecting the highest per-
formance mode of operation supported by both devices.
Fast Link Pulse (FLP) bursts provide the signaling used to
communicate
Auto-Negotiation
abilities
between two
devices at each end of a link segment. For further detail
regarding Auto-Negotiation, refer to clause 28 of the IEEE
802.3u specification. The 4TPHY supports two Ethernet
protocols (10Mb/s Half Duplex and 10Mb/s Full Duplex), so
the inclusion of Auto-Negotiation ensures that the highest
performance protocol will be selected based on the ability
of the Link Partner.
Upon hardware reset, RXD[4] is sampled (strapping
option) to determine if Auto-Negotiation is enabled. The
4TPHY uses default register values to advertise its full set
of abilities (10 Mb/s Half Duplex, 10 Mb/s Full Duplex)
unless subsequent software accesses modify the mode.
3.4.18 Auto-Negotiation Register Control
When Auto-Negotiation is enabled, the 4TPHY transmits
the abilities programmed into the Auto-Negotiation Adver-
tisement Register (ANAR) via FLP Bursts. Either 10Mb/s
Half-Duplex or Full Duplex modes may be selected.
The Basic Mode Control/Status Register (BMCR) provides
software with a mechanism to control the operation of the
4TPHY. The status of Auto-Negotiation Enable and Duplex
mode independent of configuration via Auto-Negotiation, or
software may be obtained by reading the BMCR and Port
Status Register (respectively). These bits are valid if Auto-
Negotiation is disabled or after Auto-Negotiation is com-
plete.
The contents of the Auto-Negotiation Link Partner Ability
Register (ANLPAR) register are used to automatically con-
figure to the highest performance protocol between the
local and far-end ports. If external software needs to find
out the result of Auto_Negotiation, it can determine which
mode has been configured by Auto-Negotiation by compar-
ing the contents of the ANARand ANLPAR registers and
then selecting the technology whose bit is set in both the
ANAR and ANLPAR of highest priority relative to the follow-
ing list. (Please note that 4TPHY does this automatically
and configures itself without need for software. The soft-
ware might be used by management entity etc. to find out
the results of auto-negotiation.)
Auto-Negotiation Priority Resolution:
— 10BASE-T Full Duplex
— 10BASE-T Half Duplex (Lowest Priority)
The BMCR provides control of enabling, disabling, and
restarting of the Auto-Negotiation function. When Auto-
Negotiation is disabled the Duplex Mode bits in the Port
Status Register controls switching between full duplex
operation and half duplex operation. The Duplex Mode bits
have no effect on the mode of operation when the Auto-
Negotiation Enable bit is set.
The BMCR also provides status on:
— Whether Auto-Negotiation is complete.
— Whether the Link Partner is advertising that a remote
fault has occurred.
The Auto-Negotiation Advertisement Register (ANAR) indi-
cates the Auto-Negotiation abilities to be advertised by the
4TPHY. All available abilities are transmitted by default, but
any ability can be suppressed by writing to the ANAR.
Updating the ANAR to suppress an ability is one way for a
management agent to change (force) the technology that is
used.
The
Auto-Negotiation Link
Partner Ability
Register
(ANLPAR) indicates the abilities of the Link Partner as indi-
cated by Auto-Negotiation communication. The contents of
this register are considered valid when the Auto-Negotia-
tion Complete bit is set.
The Auto-Negotiation Expansion Register (ANER) indi-
cates additional Auto-Negotiation status. The ANER pro-
vides status on:
— Whether a Multiple Link Fault has occurred.
— Whether the Link Partner supports the Next Page func-
tion.
— Whether the 4TPHY supports the Next Page function.
(The 4TPHY does support the Next Page function.)
— Whether the current page being exchanged by Auto-Ne-
gotiation has been received.
— Whether the Link Partner supports Auto-Negotiation.
3.4.19 Auto-Negotiation Parallel Detection
The 4TPHY supports the Parallel Detection function as
defined in the IEEE 802.3u specification. Parallel Detection
requires the 10 Mb/s receivers to monitor the receive signal
and report link status to the Auto-Negotiation function.
Auto-Negotiation uses this information to configure the cor-
rect technology in the event that the Link Partner does not
support Auto-Negotiation yet is transmitting link signals
that the 10BASE-T PMAs recognize as valid link signals.
If the 4TPHY completes Auto-Negotiation as a result of
Parallel Detection the appropriate bits inthe ANLPAR reg-
ister will be set to reflect the mode of operation present in
the Link Partner. Software may determine that negotiation
completed via Parallel Detection by reading a zero in the
Link Partner Auto-Negotiation Able bit once the Auto-Nego-
tiation Complete bit is set.
As an example of Parallel Detection, when the Link Partner
supports 10BASE-T full duplex, but does not support Auto-
Negotiation. Parallel Detection will allow the 4TPHY to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com