Electronic Components Datasheet Search
  English  ▼

X  

DP83924BVCE Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924BVCE
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924BVCE Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button DP83924BVCE Datasheet HTML 12Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 13Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 14Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 15Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 16Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 17Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 18Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 19Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
3.0 Detailed Functional Description (Continued)
16
www.national.com
pins will not take affect until a device reset is performed. A
logic ‘0’ enables full duplex and a logic’1’ enables simplex
mode. In addition, the full duplex capability of a port can
also be changed dynamically by writing the FDX bit (D12)
of the Port Control Register via the Mgmt Interface.
The second option (enhanced FDX mode), allows chang-
ing the full duplex configuration of each port
dynamically
through the FDX[4:1] pins. As soon as the logic state on
the FDX[4:1] pins are changed, the corresponding ports full
duplex mode will be enabled or disabled.
In order to select the desired full duplex mode, the COL[2]
pin has a strapping feature. The default is normal full
duplex mode. If enhanced full duplex mode is desired, then
a 2.7K pull-down resistor is required on the COL[2] pin.
During device reset, the COL[2] pin is sampled to deter-
mine the correct full duplex mode configuration.
Regardless of the full duplex mode, the logic state of the
FDX[4:1] pins are sampled during reset to determine a
port’s initial configuration for full duplex capability.
3.3.15 Strapping Options and Reset
Tabl e10 shows the various strapping options and the asso-
ciated pins used to configure the device at power-up.
These pins are sampled during device reset.(Power up or
hardware reset, but not software port reset.)These pins
have internal pull-ups, if the default modes are desired, no
external resistors are required. (Except FDX[4:1] which
have no pull-up resistors.) A 2.7 k
Ω pull down resistor(s)
are required to select non-default modes. If some type of
a
Figure 10. Receive Clock Timing - Continuous RXC Mode vs. 5 RXC Mode
a. There will be a transition period where the RXC switches from the internal clock to received clock.
b. There are 5 RXCs after CRS is deasserted
c. There are no RXCs after CRS is deasserted. ple as e see Table7 on page11
CRS
RXCb
RXCa
12
345
RXCc
RXD
a
Table 10. Strapping Option Description (Default = ‘1’, except FDX[4:1] pins have no default)
Pin Name
Function
‘1’
‘0’
Comments
COL[4]
Gate RXC
5 RXCs
Continuous Selects the # of RXCs after CRS deassertion
COL[3]
Rx Filter Select
Disable
Enable
Enables/disables the Rx filter. Suggest en-
able
COL[2]
Full Duplex Mode Select
Normal
Enhanced
Selects normal or enhanced full duplex mode
COL[1]
LED Mode Select
Normal
Enhanced
Selects normal or enhanced LED mode
CRS[3:1]
Transceiver Address Select
Addr
Addr
Sets the Tcvr address for MII access
FDX[4:1]
Per Port Full Duplex Select
Half duplex Full Duplex Selects full or half duplex configuration per
port (no internal pull-ups)
RXD[4]
Auto-Negotiation Enable
Disable
Enable
Enables/disables Auto-Negotiation.
RXD[3:1]
LNK[1]
Programmable MAC Interface
Mode 1
See Tab le7
on page11
Selects one of five MAC interface modes.
See the table in the MAC interface section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com