Electronic Components Datasheet Search
  English  ▼

X  

DP83924BVCE Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924BVCE
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924BVCE Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button DP83924BVCE Datasheet HTML 28Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 29Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 30Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 31Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 32Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 33Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 34Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 35Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
7.0 AC and DC Electrical Specifications (Continued)
32
www.national.com
7.2 AC Switching Specifications
TA = 0
oC to 70oC, 5V
±5%
7.2.1 LED Interface Timing
7.2.2 Reset and Strapping Timing
Symbol
Parameter
Min
Max
Units
t0
LED Clock Duty Cycle
40
60
%
t1
LED Clock Cycle Time
900
1100
ns
t2
LED_Data Valid to LED_Clk
25
ns
t3
LED_Data Valid from LED_Clk
25
ns
Symbol
Parameter
Min
Max
Units
t4
Reset Pulse Width (X1 must be active during RE-
SETz).
30
us
twait
min wait time after reset before 4TPHY is
fully functional.
30
us
t5
X1 Duty Cycle
40
60
%
t2
t3
t1
LED_CLK
LED_DATA
X1
RESETz
t4
t5
t
wait



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com