Electronic Components Datasheet Search
  English  ▼

X  

LM3370 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3370
Description  Dual Synchronous Step-Down DC-DC Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3370 Datasheet(HTML) 3 Page - Texas Instruments

  LM3370 Datasheet HTML 1Page - Texas Instruments LM3370 Datasheet HTML 2Page - Texas Instruments LM3370 Datasheet HTML 3Page - Texas Instruments LM3370 Datasheet HTML 4Page - Texas Instruments LM3370 Datasheet HTML 5Page - Texas Instruments LM3370 Datasheet HTML 6Page - Texas Instruments LM3370 Datasheet HTML 7Page - Texas Instruments LM3370 Datasheet HTML 8Page - Texas Instruments LM3370 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
1
2
3
4
13
14
15
16
VIN2
SW2
PGND2
VDD
FB2
EN2
EN1
nPOR2
5
12
SGND
nPOR1
6
7
8
10
11
9
PGND1
SW1
VIN1
FB1
SDA
SCL
LM3370
www.ti.com
SNVS406N – NOVEMBER 2005 – REVISED MAY 2013
Figure 1. WSON Connection Diagram
(See Package Number NHR0016B)
PIN DESCRIPTIONS (WSON)
Pin #
Name
Description
1
VIN2
Power supply voltage input to PFET and NFET switches for Buck 2
2
SW2
Buck 2 Switch Pin
3
PGND2
Buck 2 Power Ground
4
VDD
Signal supply voltage input, VDD must be equal or greater of the two inputs (VIN1 and VIN2)
5
SGND
Signal GND
6
PGND1
Buck 1 Power Ground
7
SW1
Buck 1 Switch Pin
8
VIN1
Power supply voltage input to PFET and NFET switches for Buck 1
9
FB1
Analog Feedback Input for Buck 1
10
SDA
I2C-Compatible Data, a 2 k
Ω pull up resistor is required
11
SCL
I2C-Compatible Clock, a 2 k
Ω pull up resistor is required
Power ON Reset for Buck 1, Open drain output Low when Buck 1 output is 92% of target
12
nPOR1
output. A 100 k
Ω pull up resistor is required
Power ON Reset for Buck 2, Open drain output Low when Buck 2 output is 92% of target
13
nPOR2
output. A 100 k
Ω pull up resistor is required
14
EN1
Buck 1 Enable
15
EN2
Buck 2 Enable
16
FB2
Analog feedback for Buck 2
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com