Electronic Components Datasheet Search
  English  ▼

X  

LM3370 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM3370
Description  Dual Synchronous Step-Down DC-DC Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3370 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3370 Datasheet HTML 4Page - Texas Instruments LM3370 Datasheet HTML 5Page - Texas Instruments LM3370 Datasheet HTML 6Page - Texas Instruments LM3370 Datasheet HTML 7Page - Texas Instruments LM3370 Datasheet HTML 8Page - Texas Instruments LM3370 Datasheet HTML 9Page - Texas Instruments LM3370 Datasheet HTML 10Page - Texas Instruments LM3370 Datasheet HTML 11Page - Texas Instruments LM3370 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
-40
-20
_
0
20
40
60
80
TEMPERATURE (°C)
200
250
300
350
400
450
500
micro SMD
LLP
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
100
150
200
250
300
350
LLP
micro SMD
2.7
3.4
4.1
4.8
5.5
VIN (V)
0
2
4
6
8
10
12
14
85
oC
-30
oC
25
oC
2.7
3.4
4.1
4.8
5.5
VIN (V)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
0.01
0.02
0.03
0.04
0.05
0.06
2.7
3.4
4.1
4.8
5.5
VIN (V)
25
oC
-30
oC
85
oC
2.7
3.4
4.1
4.8
5.5
0
0.2
0.4
0.6
0.8
1
VIN (V)
25
oC
85
oC
-30
oC
LM3370
SNVS406N – NOVEMBER 2005 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics
LM3370, Circuit of Typical Application Circuit, VIN = 3.6V, VOUT1 = 1.5V and VOUT2 = 2.5V, L = 2.2 µH (NR3015T2R2M), CIN =
4.7 µF (0805) and COUT = 10 µF (0805) and TA = 25°C, unless otherwise noted.
IQ_PFM (Non Switching)
IQ_PWM (Non Switching)
Both Channels
Both Channels
Figure 3.
Figure 4.
IQ_PWM (Switching)
Both Channels
IQ_SD (EN1 = EN2 = 0V)
Figure 5.
Figure 6.
RDS_ON (PFET)
RDS_ON (NFET)
vs.
vs.
Temperature
Temperature
VIN = 3.6V
VIN = 3.6V
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com