Electronic Components Datasheet Search
  English  ▼

X  

LM3370 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3370
Description  Dual Synchronous Step-Down DC-DC Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3370 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3370 Datasheet HTML 3Page - Texas Instruments LM3370 Datasheet HTML 4Page - Texas Instruments LM3370 Datasheet HTML 5Page - Texas Instruments LM3370 Datasheet HTML 6Page - Texas Instruments LM3370 Datasheet HTML 7Page - Texas Instruments LM3370 Datasheet HTML 8Page - Texas Instruments LM3370 Datasheet HTML 9Page - Texas Instruments LM3370 Datasheet HTML 10Page - Texas Instruments LM3370 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LM3370
www.ti.com
SNVS406N – NOVEMBER 2005 – REVISED MAY 2013
Thermal Properties
(1)
Junction-to-Ambient Thermal Resistance
θJA (WSON-16)
26°C/W
θJA (20-Bump DSBGA)
50°C/W
(1)
Junction-to-ambient thermal resistance (
θJA) is taken from a thermal modeling result, performed under the conditions and guidelines set
forth in the JEDEC standard JESD51-7. The test board is a 4-layer FR-4 board measuring 102 mm x 76 mm x 1.6 mm with a 2 x 1 array
of thermal vias. Thickness of copper layers are 2/1/1/2oz. Junction-to-ambient thermal resistance is highly application and board-layout
dependent. In applications where high maximum power dissipation exists, special care must be paid to thermal dissipation issues in
board design.The value of
θJA of this product can vary significantly, depending on PCB material, layout, and environmental conditions. In
applications where high maximum power dissipation exists (high VIN, high IOUT), special care must be paid to thermal dissipation issues.
For more information on these topics, please refer to Application Note 1187: Leadless Leadframe Package (LLP) (SNOA401).
Electrical Characteristics
(1) (2) (3)
Typical limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction
temperature range (TA = TJ = −30°C to +85°C). Unless otherwise noted, VIN1 = VIN2 = 3.6V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VFB
Feedback Voltage
(4)
−3.5
+3.5
%
VOUT
Line Regulation
2.7V
≤ VIN ≤ 5.5V
0.031
%/V
IO = 10 mA, VOUT = 1.8V
Load Regulation
100 mA
≤ IO ≤ 600 mA
0.0013
%/mA
VIN = 3.6V, VOUT = 1.8V
IQ PFM
Quiescent Current “On”
PFM Mode, Both Bucks ON
34
µA
IQ SD
Quiescent Current “Off”
EN1 = EN2 = 0V
0.2
3
µA
ILIM
Peak Switching Current Limit
VIN = 3.6V
850
1200
1400
mA
RDS_ON
PFET
VIN = 3.6V, ISW = 200 mA
390
500
m
Ω
(WSON)
NFET
VIN = 3.6V, ISW = 200 mA
240
350
RDS_ON
PFET
VIN = 3.6V, ISW = 200 mA
350
400
m
Ω
(DSBGA)
NFET
VIN = 3.6V, ISW = 200 mA
170
210
FOSC
Internal Oscillator Frequency
1.5
2.0
2.4
MHz
IEN
Enable (EN) Input Current
0.01
1
µA
VIL
Enable Logic Low
0.4
V
VIH
Enable Logic High
1.0
V
POWER ON RESET THRESHOLD/FUNCTION (POR)
nPOR1 and
nPOR1 = Power ON Reset
50 mS (default)
nPOR2
for Buck 1
50
mS
Delay Time
nPOR2 = Power ON Reset
Can be pre-trimmd to 50 uS, 100
for Buck 2
mS and 200 mS
POR
Percentage of Target VOUT
VOUT Rising
94
Threshold
%
VOUT Falling, 85% (default), Can be
85
pre-trimmed to 70% or 94%
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min. and Max are specified by design, test and/or statistical analysis. All electrical characteristics having room-temperature limits are
tested during production with TJ = 25°C. All hot and cold limits are ensured by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
(3)
Input voltage range for all voltage options is 2.7V to 5.5V. The voltage range recommended for the specified output voltages: VIN = 2.7V
to 5.5V for 1V
≤ VOUT ≤ 1.7V and for VOUT = 1.8V or greater, VIN = VOUT + 1VorVIN,MIN = ILOAD * (RDSON_PFET + RDCR_INDUCTOR) + VOUT
(4)
Test condition: for VOUT less than 2.5V, VIN = 3.6V; for VOUT greater than or equal to 2.5V, VIN = VOUT + 1V.
Dissipation Rating Table
θJA
TA = 60°C
TA = 85°C
Power Rating
Power Rating
26°C/W (4-Layer Board) WSON-16
1538 mW
50°C/W (4-Layer Board) 20-bump DSBGA
1300 mW
800 mW
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com