Electronic Components Datasheet Search
  English  ▼

X  

LM3370 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3370
Description  Dual Synchronous Step-Down DC-DC Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3370 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3370 Datasheet HTML 13Page - Texas Instruments LM3370 Datasheet HTML 14Page - Texas Instruments LM3370 Datasheet HTML 15Page - Texas Instruments LM3370 Datasheet HTML 16Page - Texas Instruments LM3370 Datasheet HTML 17Page - Texas Instruments LM3370 Datasheet HTML 18Page - Texas Instruments LM3370 Datasheet HTML 19Page - Texas Instruments LM3370 Datasheet HTML 20Page - Texas Instruments LM3370 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
SCL
SDA
S
P
START condition
STOP condition
SCL
SDA
data
change
allowed
data
change
allowed
data
change
allowed
data valid
data valid
LM3370
www.ti.com
SNVS406N – NOVEMBER 2005 – REVISED MAY 2013
Figure 37.
I2C-Compatible START and STOP Conditions
START and STOP bits classify the beginning and the end of the I2C session. START condition is defined as SDA
signal transitioning from HIGH to LOW while SCL line is HIGH. STOP condition is defined as the SDA
transitioning from LOW to HIGH while SCL is HIGH. The I2C master always generates START and STOP bits.
The I2C bus is considered to be busy after START condition and free after STOP condition. During data
transmission, I2C master can generate repeated START conditions. First START and repeated START
conditions are equivalent, function-wise.
Figure 38.
Transferring Data
Every byte put on the SDA line must be eight bits long, with the most significant bit (MSB) being transferred first.
The number of bytes that can be transmitted per transfer is unrestricted. Each byte of data has to be followed by
an acknowledge bit. The acknowledge related clock pulse is generated by the master. The transmitter releases
the SDA line (HIGH) during the acknowledge clock pulse. The receiver must pull down the SDA line during the
9th clock pulse, signifying an acknowledge. A receiver which has been addressed must generate an
acknowledge after each byte has been received.
After the START condition, I2C master sends a chip address. This address is seven bits long followed by an
eighth bit which is a data direction bit (R/W). For the eighth bit, a “0” indicates a WRITE and a “1” indicates a
READ. The second byte selects the register to which the data will be written. The third byte contains data to write
to the selected register.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com