Electronic Components Datasheet Search
  English  ▼

X  

LM3370 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM3370
Description  Dual Synchronous Step-Down DC-DC Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3370 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3370 Datasheet HTML 6Page - Texas Instruments LM3370 Datasheet HTML 7Page - Texas Instruments LM3370 Datasheet HTML 8Page - Texas Instruments LM3370 Datasheet HTML 9Page - Texas Instruments LM3370 Datasheet HTML 10Page - Texas Instruments LM3370 Datasheet HTML 11Page - Texas Instruments LM3370 Datasheet HTML 12Page - Texas Instruments LM3370 Datasheet HTML 13Page - Texas Instruments LM3370 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
0.10
1.00
10.00
100.00
1000.00
LOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
5.5V
4.5V
0.10
1.00
10.00
100.00
1000.00
LOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
4.5V
5.5V
LM3370
SNVS406N – NOVEMBER 2005 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
LM3370, Circuit of Typical Application Circuit, VIN = 3.6V, VOUT1 = 1.5V and VOUT2 = 2.5V, L = 2.2 µH (NR3015T2R2M), CIN =
4.7 µF (0805) and COUT = 10 µF (0805) and TA = 25°C, unless otherwise noted.
Efficiency
Efficiency
vs.
vs.
Output Current
Output Current
Auto Mode, VOUT1 = 1.5V
Auto Mode, VOUT2 = 1.9V
Figure 15.
Figure 16.
Efficiency
Efficiency
vs.
vs.
Output Current
Output Current
Auto Mode, VOUT2 = 3.3V
Forced PWM Mode, VOUT2 = 3.3V
Figure 17.
Figure 18.
Typical Operation Waveform
Typical Operation Waveform
VIN = 3.6V, VOUT1 = 1.8V and VOUT2 = 1.8V
VIN = 4.8V, VOUT1 = 1V and VOUT2 = 3.3V
Load = 400 mA
Load = 400 mA
Figure 19.
Figure 20.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com