Electronic Components Datasheet Search
  English  ▼

X  

LM3370 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM3370
Description  Dual Synchronous Step-Down DC-DC Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3370 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3370 Datasheet HTML 5Page - Texas Instruments LM3370 Datasheet HTML 6Page - Texas Instruments LM3370 Datasheet HTML 7Page - Texas Instruments LM3370 Datasheet HTML 8Page - Texas Instruments LM3370 Datasheet HTML 9Page - Texas Instruments LM3370 Datasheet HTML 10Page - Texas Instruments LM3370 Datasheet HTML 11Page - Texas Instruments LM3370 Datasheet HTML 12Page - Texas Instruments LM3370 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
0.10
1.00
10.00
100.00
1000.00
LOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
4.5V
5.5V
2.7V
3.6V
0.10
1.00
10.00
100.00
1000.00
LOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
4.5V
5.5V
3.6V
2.7V
2.7
3.4
4.1
4.8
5.5
1.8
1.89
1.98
2.07
2.16
2.25
VIN (V)
Buck1 = Buck2
100
200
300
400
500
600
LOAD (mA)
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
1.4
0
1.8V
1.5
1.6
1.7
1.8
1.9
1.2V
2.7
3.4
4.1
4.8
5.5
VIN (V)
0
50
100
150
200
250
300
350
400
450
500
NFET
PFET
3.2
3.7
4.2
4.7
5.2
5.5
VIN (V)
700
800
900
1000
1100
1200
2.7
1150
1050
950
850
750
85°C
25°C
-40°C
LM3370
www.ti.com
SNVS406N – NOVEMBER 2005 – REVISED MAY 2013
Typical Performance Characteristics (continued)
LM3370, Circuit of Typical Application Circuit, VIN = 3.6V, VOUT1 = 1.5V and VOUT2 = 2.5V, L = 2.2 µH (NR3015T2R2M), CIN =
4.7 µF (0805) and COUT = 10 µF (0805) and TA = 25°C, unless otherwise noted.
RDS_ON (WSON)
Current Limit
vs.
vs.
VIN
VIN
Figure 9.
Figure 10.
Output Voltage
Switching Frequency
vs.
vs.
Output Current
VIN
VIN = 3.6V (Forced PWM)
Figure 11.
Figure 12.
Efficiency
Efficiency
vs.
vs.
Output Current
Output Current
Forced PWM Mode, VOUT1 = 1.2V
Forced PWM Mode, VOUT1 = 1.8V
Figure 13.
Figure 14.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com