Electronic Components Datasheet Search
  English  ▼

X  

LM3370 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3370
Description  Dual Synchronous Step-Down DC-DC Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3370 Datasheet(HTML) 1 Page - Texas Instruments

  LM3370 Datasheet HTML 1Page - Texas Instruments LM3370 Datasheet HTML 2Page - Texas Instruments LM3370 Datasheet HTML 3Page - Texas Instruments LM3370 Datasheet HTML 4Page - Texas Instruments LM3370 Datasheet HTML 5Page - Texas Instruments LM3370 Datasheet HTML 6Page - Texas Instruments LM3370 Datasheet HTML 7Page - Texas Instruments LM3370 Datasheet HTML 8Page - Texas Instruments LM3370 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
L1:2.2 PH
PGND1
SW1
SGND
VDD
PGND2
L2:2.2 PH
SW2
SDA
LM3370
VIN1
VIN2
CIN2
4.7 PF
2.7V to 5.5V
CIN1
4.7 PF
2.7V to 5.5V
FB2
EN2
EN1
FB1
COUT1
10 PF
COUT2
10 PF
VOUT2
VOUT1
SCL
nPOR1
VIN1
nPOR2
VIN2
*
* Optional Capacitor
4.7 PF
VIN1
LM3370
www.ti.com
SNVS406N – NOVEMBER 2005 – REVISED MAY 2013
LM3370 Dual Synchronous Step-Down DC-DC Converter
with Dynamic Voltage Scaling Function
Check for Samples: LM3370
1
FEATURES
APPLICATIONS
2
•
I2C-compatible interface
•
Baseband Processors
–
VOUT1 = 1V to 2V in 50 mV Steps
•
Application Processors (Video, Audio)
–
VOUT2 = 1.8V to 3.3V in 100 mV Steps
•
I/O Power
–
Automatic PFM/PWM Mode Switching and
•
FPGA Power and CPLD
Forced PWM Mode for Low Noise Operation
DESCRIPTION
–
Spread Spectrum Capability Using I2C
The LM3370 is a dual step-down DC-DC converter
•
600mA Load Per Channel
optimized for powering ultra-low voltage circuits from
•
2MHz PWM Fixed Switching Frequency (Typ.)
a single Li-Ion battery and input rail ranging from 2.7V
•
The Bucks Operate 180° Out-of-Phase Timing
to 5.5V. It provides two outputs with 600mA load per
channel. The output voltage range varies from 1V to
Offset for Noise and Input Surge Current
3.3V and can be dynamically controlled using the I2C-
Abatement
compatible interface. This dynamic voltage scaling
•
Internal Synchronous Rectification for High
function allows processors to achieve maximum
Efficiency
performance at the lowest power level. The I2C-
•
Internal Soft Start
compatible interface can also be used to control auto
PFM-PWM/PWM
mode
selection
and
other
•
Power-on-Reset Function for Both Outputs
performance enhancing features.
•
2.7V
≤ VIN ≤ 5.5V
The
LM3370
offers
superior
features
and
•
Operates from a Single Li-Ion Cell or 3 Cell
performance for portable systems with complex
NiMH/NiCd Batteries and 3.3V/5.5V Fixed Rails
power
management
requirements.
Automatic
•
2.2µH Inductor, 4.7µF Input and 10µF Output
intelligent switching between PWM low-noise and
Capacitor Per Channel
PFM
low-current
mode
offers
improved
system
•
16-lead WSON Package (4 mm x 5 mm x 0.8
efficiency.
Internal
synchronous
rectification
enhances the converter efficiency without the use of
mm)
further external devices.
•
20-Bump DSBGA Package (3.0 mm x 2.0 mm x
0.6 mm)
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3370

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3370 NSC-LM3370 Datasheet
1Mb / 23P
Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
LM3370 NSC-LM3370 Datasheet
5Mb / 26P
Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Texas Instruments
LM3370 TI1-LM3370 Datasheet
4Mb / 33P
Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
National Semiconductor ...
LM3370SD-3013 NSC-LM3370SD-3013 Datasheet
5Mb / 26P
Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
LM3370SD-3021 NSC-LM3370SD-3021 Datasheet
5Mb / 26P
Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
More results

Similar Description - LM3370

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
Synchronous Step-Down DC/DC Converter
TPS54335A TI1-TPS54335A_16 Datasheet
1Mb / 47P
Synchronous Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC2309 AIC-AIC2309 Datasheet
223Kb / 10P
1A Dual Synchronous Step-down DC/DC Converter
AIC2359 AIC-AIC2359 Datasheet
242Kb / 11P
1A Dual Synchronous Step-down DC/DC Converter
logo
Diodes Incorporated
AP3417C DIODES-AP3417C Datasheet
600Kb / 12P
SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com