Electronic Components Datasheet Search
  English  ▼

X  

LM3370 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3370
Description  Dual Synchronous Step-Down DC-DC Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3370 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3370 Datasheet HTML 2Page - Texas Instruments LM3370 Datasheet HTML 3Page - Texas Instruments LM3370 Datasheet HTML 4Page - Texas Instruments LM3370 Datasheet HTML 5Page - Texas Instruments LM3370 Datasheet HTML 6Page - Texas Instruments LM3370 Datasheet HTML 7Page - Texas Instruments LM3370 Datasheet HTML 8Page - Texas Instruments LM3370 Datasheet HTML 9Page - Texas Instruments LM3370 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
LM3370
SNVS406N – NOVEMBER 2005 – REVISED MAY 2013
www.ti.com
Absolute Maximum Ratings
(1) (2) (3)
VIN1 , VIN2 VDD to PGND and SGND
−0.2V to 6V
PGND to SGND
−0.2V to +0.2V
SDA, SCL, EN, EN2, nPOR1, nPOR2, SW1, SW2, FB1 and FB2
(GND - 0.2) to (VIN + 0.2V)
Maximum Continuous Power
Dissipation (PD_MAX)
(4)
Internally Limited
Junction Temperature (TJ-MAX)
125°C
Storage Temperature Range
−65°C to +150°C
Maximum Lead Temperature
(Soldering)
(5)
ESD Ratings (6)
All Pins
2 kV HBM
200V MM
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and
associated test conditions, see Electrical Characteristics.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage. The thermal shutdown engages at TJ = 150°C (typ.)
and disengages at TJ = 140°C(typ.).
(5)
For detailed soldering specifications and information, please refer to Texas Instruments Application Note 1187: Leadless Leadframe
Package (LLP) (SNOA401).
(6)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. (MIL-STD-883 3015.7) The machine
model is a 200 pF capacitor discharged directly into each pin. (EAIJ)
Operating Ratings
(1) (2)
Input Voltage Range ((3))
2.7V to 5.5V
Recommended Load Current Per Channel
0 mA to 600 mA
Junction Temperature (TJ) Range
−30°C to +125°C
Ambient Temperature (TA) Range
(4)
−30°C to +85°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and
associated test conditions, see Electrical Characteristics.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Input voltage range for all voltage options is 2.7V to 5.5V. The voltage range recommended for the specified output voltages: VIN = 2.7V
to 5.5V for 1V
≤ VOUT ≤ 1.7V and for VOUT = 1.8V or greater, VIN = VOUT + 1VorVIN,MIN = ILOAD * (RDSON_PFET + RDCR_INDUCTOR) + VOUT
(4)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be de-rated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125ºC), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com