Electronic Components Datasheet Search
  English  ▼

X  

LM3370 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3370
Description  Dual Synchronous Step-Down DC-DC Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3370 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3370 Datasheet HTML 7Page - Texas Instruments LM3370 Datasheet HTML 8Page - Texas Instruments LM3370 Datasheet HTML 9Page - Texas Instruments LM3370 Datasheet HTML 10Page - Texas Instruments LM3370 Datasheet HTML 11Page - Texas Instruments LM3370 Datasheet HTML 12Page - Texas Instruments LM3370 Datasheet HTML 13Page - Texas Instruments LM3370 Datasheet HTML 14Page - Texas Instruments LM3370 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
LM3370
www.ti.com
SNVS406N – NOVEMBER 2005 – REVISED MAY 2013
Typical Performance Characteristics (continued)
LM3370, Circuit of Typical Application Circuit, VIN = 3.6V, VOUT1 = 1.5V and VOUT2 = 2.5V, L = 2.2 µH (NR3015T2R2M), CIN =
4.7 µF (0805) and COUT = 10 µF (0805) and TA = 25°C, unless otherwise noted.
Typical Operation Waveform
VIN = 3.6V, VOUT1 = 1.5V, VOUT2 = 2.5V,
Startup at PWM for BUCK1
Load = 600 mA Each
(VIN = 3.6V, VOUT = 1.5V, Load = 200 mA)
Figure 21.
Figure 22.
Startup at PWM for BUCK2
Line Transient
(VIN = 3.6V, VOUT = 2.5V, Load = 200 mA)
(VOUT1 = 1.2V)
Figure 23.
Figure 24.
Line Transient
Load Transient in PFM MODE
(VOUT2 = 1.8V)
(VOUT1 = 1.5V)
Figure 25.
Figure 26.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com