Electronic Components Datasheet Search
  English  ▼

X  

DP8422V Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8422V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8422V Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button DP8422V Datasheet HTML 22Page - National Semiconductor (TI) DP8422V Datasheet HTML 23Page - National Semiconductor (TI) DP8422V Datasheet HTML 24Page - National Semiconductor (TI) DP8422V Datasheet HTML 25Page - National Semiconductor (TI) DP8422V Datasheet HTML 26Page - National Semiconductor (TI) DP8422V Datasheet HTML 27Page - National Semiconductor (TI) DP8422V Datasheet HTML 28Page - National Semiconductor (TI) DP8422V Datasheet HTML 29Page - National Semiconductor (TI) DP8422V Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
50 Refresh Options (Continued)
523 Error Scrubbing during Refresh
The DP8420V21V22V DP84T22 support error scrubbing
during all RAS DRAM refreshes Error scrubbing during re-
fresh is selected through bits C4 – C6 with bit R9 negated
during programming Error scrubbing can not be used with
staggered refresh (see Section 80) Error scrubbing during
refresh allows a CAS or group of CASs to assert during the
all RAS refresh as shown in
Figure 18 This allows data to
be read from the DRAM array and passed through an Error
Detection And Correction Chip EDAC If the EDAC deter-
mines that the data contains a single bit error and corrects
that error the refresh cycle can be extended with the input
extend refresh EXTNDRF and a read-modify-write opera-
tion can be performed by asserting WE It is the responsibili-
ty of the designer to ensure that WE is negated The
DP8422V DP84T22 have a 24-bit internal refresh address
counter that contains the 11 row 11 column and 2 bank
addresses The DP8420V21V have a 22-bit internal refresh
address counter that contains the 10 row 10 column and 2
bank addresses These counters are configured as bank
column row with the row address as the least significant
bits The bank counter bits are then used with the program-
ming selection to determine which CAS or group of CASs
will assert during a refresh
TLF11109 – 30
FIGURE 18 Error Scrubbing during Refresh
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com