Electronic Components Datasheet Search
  English  ▼

X  

DP8422V Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8422V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8422V Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button DP8422V Datasheet HTML 34Page - National Semiconductor (TI) DP8422V Datasheet HTML 35Page - National Semiconductor (TI) DP8422V Datasheet HTML 36Page - National Semiconductor (TI) DP8422V Datasheet HTML 37Page - National Semiconductor (TI) DP8422V Datasheet HTML 38Page - National Semiconductor (TI) DP8422V Datasheet HTML 39Page - National Semiconductor (TI) DP8422V Datasheet HTML 40Page - National Semiconductor (TI) DP8422V Datasheet HTML 41Page - National Semiconductor (TI) DP8422V Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
100 Dual Accessing (DP8422V DP84T22) (Continued)
102 PORT B WAIT STATE SUPPORT
Advanced transfer acknowledge for Port B ATACKB is
used for wait state support for Port B This output will be
asserted when RAS for the Port B access is asserted as
shown in
Figures 33a and 33b Once asserted this output
will stay asserted until AREQB is negated With external
logic ATACKB can be made to interface to any CPU’s wait
input as shown in
Figure 33c
103 COMMON PORT A AND PORT B DUAL PORT
FUNCTIONS
An input LOCK and an output GRANTB add additional
functionality to the dual port arbitration logic LOCK allows
Port A or Port B to lock out the other port from the DRAM
When a Port is locked out of the DRAM wait states will be
inserted into its access cycle until it is allowed to access
memory GRANTB is used to multiplex the input control sig-
nals and addresses to the DP8422V DP84T22
1031 GRANTB Output
The output GRANTB determines which port has current ac-
cess to the DRAM array GRANTB asserted signifies Port B
has access GRANTB negated signifies Port A has access
to the DRAM array
TLF11109 – 54
FIGURE 33a Non-Delayed Port B Access
TLF11109 – 55
FIGURE 33b Delayed Port B Access
TLF11109 – 56
A Extend ATACK to
T(
Clock) after RAS goes low
TLF11109 – 57
B Extend ATACK to 1T after RAS goes low
TLF11109 – 58
C Synchronize ATACKB to CPU B Clock This is useful if CPU B runs asynchronous to the DP8422V DP84T22
FIGURE 33c Modifying Wait Logic for Port B
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com