Electronic Components Datasheet Search
  English  ▼

X  

DP8422V Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8422V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8422V Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button DP8422V Datasheet HTML 23Page - National Semiconductor (TI) DP8422V Datasheet HTML 24Page - National Semiconductor (TI) DP8422V Datasheet HTML 25Page - National Semiconductor (TI) DP8422V Datasheet HTML 26Page - National Semiconductor (TI) DP8422V Datasheet HTML 27Page - National Semiconductor (TI) DP8422V Datasheet HTML 28Page - National Semiconductor (TI) DP8422V Datasheet HTML 29Page - National Semiconductor (TI) DP8422V Datasheet HTML 30Page - National Semiconductor (TI) DP8422V Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
50 Refresh Options (Continued)
53 EXTENDING REFRESH
The programmed number of periods of CLK that refresh
RASs are asserted can be extended by one or multiple peri-
ods of CLK Only the all RAS (with or without error scrub-
bing) type of refresh can be extended To extend a refresh
cycle the input extend refresh EXTNDRF must be assert-
ed before the positive edge of CLK that would have negated
all the RAS outputs during the refresh cycle and after the
positive edge of CLK which starts all RAS outputs during the
refresh as shown in
Figure 19 This will extend the refresh to
the next positive edge of CLK and EXTNDRF will be sam-
pled again The refresh cycle will continue until EXTNDRF is
sampled low on a positive edge of CLK
54 CLEARING THE REFRESH ADDRESS COUNTER
The refresh address counter can be cleared by asserting
RFSH while DISRFSH is negated as shown in
Figure 20a
This can be used prior to a burst refresh of the entire memo-
ry array By asserting RFSH one period of CLK before
DISRFSH is asserted and then keeping both inputs assert-
ed the DP8420V21V22V DP84T22 will clear the refresh
address counter and then perform refresh cycles separated
by the programmed value of precharge as shown in
Figure
20b An end-of-count signal can be generated from the Q
DRAM
address
outputs
of
the
DP8420V21V22V
DP84T22 and used to negate RFSH
TLF11109 – 31
FIGURE 19 Extending Refresh with the Extend Refresh (EXTNDRF) Input
TLF11109 – 32
FIGURE 20a Clearing the Refresh Address Counter
TLF11109 – 33
FIGURE 20b Clearing the Refresh Counter during Burst
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com