Electronic Components Datasheet Search
  English  ▼

X  

DP8422V Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8422V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8422V Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button DP8422V Datasheet HTML 46Page - National Semiconductor (TI) DP8422V Datasheet HTML 47Page - National Semiconductor (TI) DP8422V Datasheet HTML 48Page - National Semiconductor (TI) DP8422V Datasheet HTML 49Page - National Semiconductor (TI) DP8422V Datasheet HTML 50Page - National Semiconductor (TI) DP8422V Datasheet HTML 51Page - National Semiconductor (TI) DP8422V Datasheet HTML 52Page - National Semiconductor (TI) DP8422V Datasheet HTML 53Page - National Semiconductor (TI) DP8422V Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
130 AC Timing Parameters (Continued)
Unless otherwise stated VCC e 50V g10% 0 C k TA k 70 C the output load capacitance is typical for 4 banks of 18 DRAMs
per bank including trace capacitance (Note 2)
Two different loads are specified
CL e 50 pF loads on all outputs except
CL e 150 pF loads on Q0–8 9 10 and WE or
CH e 50 pF loads on all outputs except
CH e 125 pF loads on RAS0–3 and CAS0–3 and
CH e 380 pF loads on Q0–8 9 10 and WE
Mode 0 Access
DP8420V21V22V and DP84T22V
Number
Symbol
Parameter Description
CL
CH
Min
Max
Min
Max
300
tSCSCK
CS Asserted to CLK High
8
8
301a
tSALECKNL
ALE Asserted Setup to CLK High
Not Using On-Chip Latches or
11
11
if Using On-Chip Latches and
B0 B1 Are Constant Only 1 Bank
301b
tSALECKL
ALE Asserted Setup to CLK High
if Using On-Chip Latches if B0 B1
20
20
Can Change More Than One Bank
302
tWALE
ALE Pulse Width
10
10
303
tSBADDCK
Bank Address Valid Setup to CLK High
10
10
304
tSADDCK
Row Column Valid Setup to
CLK High to Guarantee
6
10
tASR e 0ns
305
tHASRCB
Row Column Bank Address
Held from ALE Negated
6
6
(Using On-Chip Latches)
306
tSRCBAS
Row Column Bank Address
Setup to ALE Negated
1
1
(Using On-Chip Latches)
307
tPCKRL
CLK High to RAS Asserted
19
23
308a
tPCKCL0
CLK High to CAS Asserted
65
72
(tRAH e 15 ns tASC e 0 ns)
308b
tPCKCL1
CLK High to CAS Asserted
75
82
(tRAH e 15 ns tASC e 10 ns)
308c
tPCKCL2
CLK High to CAS Asserted
75
82
(tRAH e 25 ns tASC e 0 ns)
308d
tPCKCL3
CLK High to CAS Asserted
85
92
(tRAH e 25 ns tASC e 10 ns)
309
tHCKALE
ALE Negated Hold from CLK High
0
0
310
tSWINCK
WIN Asserted Setup to CLK High
b
16
b
16
to Guarantee CAS is Delayed
311
tPCSWL
CS Asserted to WAIT Asserted
20
20
312
tPCSWH
CS Negated to WAIT Negated
20
20
313
tPCLKDL1
CLK High to DTACK Asserted
27
27
(Programmed as DTACK0)
314
tPALEWL
ALE Asserted to WAIT Asserted
21
21
(CS is Already Asserted)
315
AREQ Negated to CLK High That Starts
Access RAS to Guarantee tASR e 0ns
27
31
(Non-Interleaved Mode Only)
316
tPCKCV0
CLK High to Column
Address Valid
58
67
(tRAH e 15 ns tASC e 0 ns)
317
tPCKCV1
CLK High to Column
Address Valid
68
75
(tRAH e 25 ns tASC e 0 ns)
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com