Electronic Components Datasheet Search
  English  ▼

X  

DP8422V Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8422V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8422V Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button DP8422V Datasheet HTML 24Page - National Semiconductor (TI) DP8422V Datasheet HTML 25Page - National Semiconductor (TI) DP8422V Datasheet HTML 26Page - National Semiconductor (TI) DP8422V Datasheet HTML 27Page - National Semiconductor (TI) DP8422V Datasheet HTML 28Page - National Semiconductor (TI) DP8422V Datasheet HTML 29Page - National Semiconductor (TI) DP8422V Datasheet HTML 30Page - National Semiconductor (TI) DP8422V Datasheet HTML 31Page - National Semiconductor (TI) DP8422V Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
50 Refresh Options (Continued)
55 CLEARING THE REFRESH REQUEST CLOCK
The refresh request clock can be cleared by negating
DISRFSH and asserting RFSH for 500 ns one period of the
internal 2 MHz clock as shown in
Figure 21 By clearing the
refresh request clock the user is guaranteed that an inter-
nal refresh request will not be generated for approximately
15 ms one refresh clock period from the time RFSH is neg-
ated This action will also clear the refresh address counter
TLF11109 – 34
FIGURE 21 Clearing the Refresh Request Clock Counter
60 Port A Wait State Support
Wait states allow a CPU’s access cycle to be increased by
one or multiple CPU clock periods The wait or ready input is
named differently by CPU manufacturers However any
CPU’s wait or ready input is compatible with either the WAIT
or DTACK output of the DP8420V21V22V DP84T22 The
user determines whether to program WAIT or DTACK (R7)
and which value to select for WAIT or DTACK (R2 R3) de-
pending upon the CPU used and where the CPU samples its
wait input during an access cycle
The decision to terminate the CPU access cycle is directly
affected by the speed of the DRAMs used The system de-
signer must ensure that the data from the DRAMs will be
present for the CPU to sample or that the data has been
written to the DRAM before allowing the CPU access cycle
to terminate
The insertion of wait states also allows a CPU’s access cy-
cle to be extended until the DRAM access has taken place
The DP8420V21V22V DP84T22 insert wait states into
CPU access cycles due to guaranteeing precharge time
refresh currently in progress user programmed wait states
the WAITIN signal being asserted and GRANTB not being
valid (DP8422V DP84T22 only) If one of these events is
taking place and the CPU starts an access the DP8420V
21V22V DP84T22 will insert wait states into the access
cycle thereby increasing the length of the CPU’s access
Once the event has been completed the DP8420V21V
22V DP84T22 will allow the access to take place and stop
inserting wait states
There are six programming bits R2 – R7 an input WAITIN
and an output that functions as WAIT or DTACK
61 WAIT TYPE OUTPUT
With the R7 address bit negated during programming the
user selects the WAIT output As long as WAIT is sampled
asserted by the CPU wait states (extra clock periods) are
inserted into the current access cycle as shown in
Figure
22 Once WAIT is sampled negated the access cycle is
completed by the CPU WAIT is asserted at the beginning of
a chip selected access and is programmed to negate a
number of positive edges andor negative levels of CLK
from the event that starts the access WAIT can also be
programmed to function in pageburst mode applications
Once WAIT is negated during an access and the ECAS
inputs are negated with AREQ asserted WAIT can be pro-
grammed to toggle following the ECAS inputs Once AREQ
is negated ending the access WAIT will stay negated until
the next chip selected access For more details about WAIT
Type Output see Application Note AN-773
TLF11109 – 35
FIGURE 22 WAIT Type Output
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com