Electronic Components Datasheet Search
  English  ▼

X  

DP8422V Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8422V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8422V Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button DP8422V Datasheet HTML 27Page - National Semiconductor (TI) DP8422V Datasheet HTML 28Page - National Semiconductor (TI) DP8422V Datasheet HTML 29Page - National Semiconductor (TI) DP8422V Datasheet HTML 30Page - National Semiconductor (TI) DP8422V Datasheet HTML 31Page - National Semiconductor (TI) DP8422V Datasheet HTML 32Page - National Semiconductor (TI) DP8422V Datasheet HTML 33Page - National Semiconductor (TI) DP8422V Datasheet HTML 34Page - National Semiconductor (TI) DP8422V Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
70 RAS and CAS Configuration Modes
The DP8420V21V22V DP84T22 allow the user to config-
ure the DRAM array to contain one two or four banks of
DRAM Depending on the functions used certain considera-
tions must be used when determining how to set up the
DRAM array Programming address bits C4 C5 and C6
along with bank selects B0 – 1 and CAS enables ECAS0–
3 determine which RAS or group of RASs and which CAS
or group of CASs will be asserted during an access Differ-
ent memory schemes are described The DP8420V21V
22V DP84T22 is specified driving a heavy load of 72
DRAMs representing four banks of DRAM with 16-bit words
and 2 parity bits The DP8420V21V22V DP84T22 can
drive more than 72 DRAMs but the AC timing must be in-
creased Since the RAS and CAS outputs are configurable
all RAS and CAS outputs should be used for the maximum
amount of drive
71 BYTE WRITING
By selecting a configuration in which all CAS outputs are
selected during an access the ECAS inputs enable a single
or group of CAS outputs to select a byte (or bytes) in a word
size of up to 32 bits In this case the RAS outputs are used
to select which of up to 4 banks is to be used as shown in
Figures 26a and 26b In systems with a word size of 16 bits
the byte enables can be gated with a high order address bit
to produce four byte enables which gives an equivalent to 8
banks of 16-bit words as shown in
Figure 26d If less memo-
ry is required each CAS should be used to drive each nibble
in the 16-bit word as shown in
Figure 26c
TLF11109 – 40
FIGURE 26a DRAM Array Setup for 32-Bit System (C6 C5 C4 e 1 1 0 during Programming)
TLF11109 – 41
FIGURE 26b DRAM Array Setup for 32-Bit 1 Bank System (C6 C5 C4 e 0 0 0 Allowing Error Scrubbing
or C6 C5 C4 e 0 1 1 No Error Scrubbing during Programming)
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com