Electronic Components Datasheet Search
  English  ▼

X  

LM3560 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM3560
Description  Synchronous Boost Flash Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3560 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM3560 Datasheet HTML 18Page - Texas Instruments LM3560 Datasheet HTML 19Page - Texas Instruments LM3560 Datasheet HTML 20Page - Texas Instruments LM3560 Datasheet HTML 21Page - Texas Instruments LM3560 Datasheet HTML 22Page - Texas Instruments LM3560 Datasheet HTML 23Page - Texas Instruments LM3560 Datasheet HTML 24Page - Texas Instruments LM3560 Datasheet HTML 25Page - Texas Instruments LM3560 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
STROBE
LED Current
Timeout Duration
TX1/TORCH
ITORCH
IFLASH
LM3560
SNOSB43B – SEPTEMBER 2011 – REVISED AUGUST 2013
www.ti.com
Two actions can be taken when the NTC comparator is tripped. With Configuration Register 2 bit [1] set to ‘0’ the
NTC interrupt will force the LED current from Flash mode into Torch mode. With Configuration Register 2 bit [1]
set to ‘1’, the NTC interrupt will force the LED current into shutdown.
Whether in NTC force torch or NTC shutdown, in order to re-enter flash mode after an NTC event, two things
must occur. First, the NTC input must be above the 1V threshold. Secondly, the Flags Register must be read.
To avoid noise from falsely triggering the NTC Comparator, this mode incorporates a 250 µs de-glitch timer. With
NTC mode active, VLEDI/NTC must go below the trip point (VTRIP) and remain below it for 250 µs before the LEDs
are forced into Torch mode (or shutdown) and the NTC Flag is written.
ALTERNATE EXTERNAL TORCH (AET MODE)
With Configuration Register 2 bit [2] set to '1', the LM3560 is configured for AET mode, and the operation of
TX1/TORCH becomes dependent on its occurrence relative to the STROBE input. In this mode, if TX1/TORCH
goes high first, then STROBE goes high, the LEDs are forced into Torch mode with no timeout. In this mode, if
TX1/TORCH goes high after STROBE has gone high, then the TX1/TORCH pin operates as a normal LED
current interrupt (TX1), and the LEDs will turn off at the end of the timeout duration (see Figure 35).
Figure 35. AET Mode Timing
INPUT VOLTAGE MONITOR
The LM3560 has an internal comparator at IN which monitors the input voltage and can force the LED current
into Torch mode or into shutdown if VIN falls below the programmable VIN Monitor Threshold. Bit 0 in the VIN
Monitor Register enables or disables this feature. When enabled, Bits [2:1] program the 4 adjustable thresholds
of 2.9V, 3.0V, 3.1V, and 3.2V. Bit 3 in Configuration Register 2 selects whether a VIN Monitor event forces Torch
mode or forces LED1 and/or LED2 into shutdown. See Table 12 for additional information. When the input
voltage monitor is active, and VIN falls below the programmed VIN Monitor threshold, the LEDs will either turn off
or be forced into the Torch current setting. To reset the LED current to its previous level, two things must occur.
First, VIN must go above the VIN Monitor threshold, and the Flags register must be read back. See Figure 36 for
the VIN Monitor Timing Waveform.
To avoid noise from falsely triggering the VIN Monitor, this mode incorporates a 250 µs de-glitch timer. With the
VIN Monitor active, VIN must go below the VIN Monitor Threshold (VIN_TH), and remain below it, for 250 µs before
the LEDs are forced into Torch mode (or shutdown) and the VIN Monitor Flag is written.
22
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com