Electronic Components Datasheet Search
  English  ▼

X  

LM3560 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # LM3560
Description  Synchronous Boost Flash Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3560 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LM3560 Datasheet HTML 32Page - Texas Instruments LM3560 Datasheet HTML 33Page - Texas Instruments LM3560 Datasheet HTML 34Page - Texas Instruments LM3560 Datasheet HTML 35Page - Texas Instruments LM3560 Datasheet HTML 36Page - Texas Instruments LM3560 Datasheet HTML 37Page - Texas Instruments LM3560 Datasheet HTML 38Page - Texas Instruments LM3560 Datasheet HTML 39Page - Texas Instruments LM3560 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
LM3560
SNOSB43B – SEPTEMBER 2011 – REVISED AUGUST 2013
www.ti.com
FLASH DURATION REGISTER (Address 0xC0)
Bits [4:0] of the Flash Duration Register set the Flash Timeout duration. Bits [6:5] set the switch current limit (see
Table 16).
Table 16. Flash Duration Register Descriptions
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(Not used)
(CL1)
(CL0)
(T4)
(T3)
(T2)
(T1)
(T0)
N/A
Current Limit Select Bits
Flash Time-out Select Bits
00 = 1.6A Peak Current Limit
00000 = 32 ms time-out
01 = 2.3A Peak Current Limit
00001 = 64 ms time-out
10 = 3.0A Peak Current Limit
00010 = 96 ms time-out
11 = 3.6A Peak Current Limit
00011 = 128 ms time-out
(default)
00100 = 160 ms time-out
00101 = 192 ms time-out
00110 = 224 ms time-out
00111 = 256 ms time-out
01000 = 288 ms time-out
01001 = 320 ms time-out
01010 = 352 ms time-out
01011 = 384 ms time-out
01100 = 416 ms time-out
01101 = 448 ms time-out
01110 = 480 ms time-out
01111 = 512 ms time-out (default)
10000 = 544 ms time-out
10001 = 576 ms time-out
10010 = 608 ms time-out
10011 = 640 ms time-out
10100 = 672 ms time-out
10101 = 704 ms time-out
10110 = 736 ms time-out
10111 = 768 ms time-out
11000 = 800 ms time-out
11001 = 832 ms time-out
11010 = 864 ms time-out
11011 = 896 ms time-out
11100 = 928 ms time-out
11101 = 960 ms time-out
11110 = 992 ms time-out
11111 = 1024 ms time-out
FLAGS REGISTER (Address 0xD0)
The Flags Register holds the flag bits indicating Flash Timeout, Thermal Shutdown, LED Fault (Open or Short),
TX Interrupts (TX1 and TX2), LED Thermal Fault (NTC), VIN Monitor Trip, and VIN Flash Monitor Trip. All Flags
are cleared on read back of the Flags Register. (See Table 17).
Table 17. Flags Register Descriptions
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(VIN Monitor)
(VIN Flash
(NTC Fault)
(TX2
(TX1 Interrupt )
(LED Fault)
(Thermal
(Flash Time-
Monitor)
Interrupt)
Shutdown)
out)
0 = VIN is
VIN did not fall
0 = LEDI/NTC
0 = TX2 has
0 = TX1 has not
0 = Proper
0 = Die
0 = Flash Time-
above the VIN
below the VIN
pin is above
not changed
changed state
LED Operation
Temperature
Out did not
Monitor
Flash Monitor
1V(default)
state (default)
(default)
(default)
below Thermal
expire (default)
Threshold or
threshold
Shutdown Limit
VIN Monitor
during flash
(default)
Threshold is
pulse turn-on
Disabled
or VIN Flash
(default)
Monitor is
disabled
(default)
36
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com