Electronic Components Datasheet Search
  English  ▼

X  

LM3560 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LM3560
Description  Synchronous Boost Flash Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3560 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM3560 Datasheet HTML 29Page - Texas Instruments LM3560 Datasheet HTML 30Page - Texas Instruments LM3560 Datasheet HTML 31Page - Texas Instruments LM3560 Datasheet HTML 32Page - Texas Instruments LM3560 Datasheet HTML 33Page - Texas Instruments LM3560 Datasheet HTML 34Page - Texas Instruments LM3560 Datasheet HTML 35Page - Texas Instruments LM3560 Datasheet HTML 36Page - Texas Instruments LM3560 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
LM3560
www.ti.com
SNOSB43B – SEPTEMBER 2011 – REVISED AUGUST 2013
LED FORWARD VOLTAGE ADC (VLED MONITOR REGISTER, Address 0x30)
The VLED Monitor Register controls the internal 4 bit analog to digital converter. Bits [3:0] of this register contain
the 4-bit data of the LED voltage. This data is the digitized voltage of the highest of either VLED1 to GND or
VLED2 to GND. Bit [4] is the Manual Mode enable which provides for a manual conversion of the ADC. In
Manual Mode the Automatic Conversion is still performed. In automatic conversion mode a conversion is
performed each time a flash pulse is initiated. Bit [5] is the ADC shutdown bit. Bit [6] signals the end of
conversion. This is a read-only bit that goes high when a conversion is complete and data is ready. A read of the
VLED Monitor Register clears the End of Conversion bit (see Table 10).
Table 10. VLED Monitor Register Descriptions
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(Not
(End of
(ADC Shutdown)
(Manual Mode
(ADC3)
(ADC2)
(ADC1)
(ADC0)
Used)
Conversion)
Enable)
N/A
0 = Conversion in 0 = ADC is enabled
0 = Manual Mode 0000 = (VLED < 2.8V) (default)
progress(default) (default)
Disabled
0001 = (2.8V
≤ VLED < 2.9V)
(default)
0010 = (2.9V
≤ VLED < 3.0V)
0011 = (3.0V
≤ VLED < 3.1V)
1 = Conversion
1 = ADC is shutdown, 1 = Manual Mode
0100 = (3.1V
≤ VLED < 3.2V)
done
no conversion is
is Enabled
0101 = (3.2V
≤ VLED < 3.3V)
performed
0110 = (3.3V
≤ VLED < 3.4V)
0111 = (3.4V
≤ VLED < 3.5V)
1000 = (3.5V
≤ VLED < 3.6V)
1001 = (3.6V
≤ VLED < 3.7V)
1010 = (3.7V
≤ VLED < 3.8V)
1011 = (3.8V
≤ VLED < 3.9V)
1100 = (3.9V
≤ VLED < 4.0V)
1101 = (4.0V
≤ VLED < 4.1V)
1110 = (4.1V
≤ VLED < 4.2V)
1111 = (4.2V
≤ VLED)
ADC DELAY REGISTER (Address 0x31)
The ADC Delay Register programs the delay from when the EOC bit goes low to when a conversion is initiated.
This delay applies to both Manual Mode and Automatic Mode. Bit 5 is the No Delay bit and can set the delay to
effectively 0.
Table 11. ADC Delay Register Descriptions
Bit 7
Bit 6
Bit 5 (No Delay)
Bit 4 (D1)
Bit 3 (D2)
Bit 2 (D3)
Bit 1 (D4)
Bit 0
(Not
(Not used)
(D5)
Used)
0 = Delay is set by bits
Bits [4:0] programs the delay from when the EOC bit goes low to when a
[4:0](default)
conversion is started (250 µs/step).
00000 = 250 µs
1 = no delay from when the EOC
N/A
:
goes low to when the conversion is
01111 = 4 ms (default)
started.
:
11111 = 8 ms
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LM3560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com