Electronic Components Datasheet Search
  English  ▼

X  

LM3560 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LM3560
Description  Synchronous Boost Flash Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3560 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM3560 Datasheet HTML 28Page - Texas Instruments LM3560 Datasheet HTML 29Page - Texas Instruments LM3560 Datasheet HTML 30Page - Texas Instruments LM3560 Datasheet HTML 31Page - Texas Instruments LM3560 Datasheet HTML 32Page - Texas Instruments LM3560 Datasheet HTML 33Page - Texas Instruments LM3560 Datasheet HTML 34Page - Texas Instruments LM3560 Datasheet HTML 35Page - Texas Instruments LM3560 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
LM3560
SNOSB43B – SEPTEMBER 2011 – REVISED AUGUST 2013
www.ti.com
PRIVACY PWM PERIOD REGISTER (Address 0x14)
The Privacy PWM Register contains the bits to control the PWM period for the privacy indicate mode (see
Table 8).
Table 8. Privacy PWM Period Register
Bits 7-3
Bit 2
Bit 1
Bit 0
(Not Used)
(P3)
(P2)
(P1)
000 = 5.12 ms (default)
001 = 2.56 ms
010 = 1.28 ms
011 = 640 µs
1XX = 320 µs
GPIO REGISTER (Address 0x20)
The GPIO register contains the control bits which change the state of the TX1/TORCH/GPIO1 pin and the
TX2/INT/GPIO2 pins to general purpose I/O’s (GPIO’s). Additionally, bit 6 of this register contains the interrupt
configuration bit. Table 9 describes the bit description and functionality of the GPIO register. To configure the
TX1 or TX2 pins as GPIO outputs an initial double write is required to register 0x20. For example, to configure
TX2 to output a logic high, an initial write of 0xB8 would need to occur twice, to force GPIO2 low. Subsequent
writes to GPIO2 after the initial set-up, only requires a single write. To read back the GPIO inputs, a write then a
read of register 0x20 must occur each time the data is read. For example, if GPIO2 is set-up as a GPIO input
and the GPIO2 input has then changed state, first a write to 0x20 must occur, then the following read back of
register 0x20 will show the updated data. When configuring TX2 as an interrupt output, the TX2/GPIO2/INT pin
must first be configured as a GPIO output (double write). For example, to configure TX2/GPIO2/INT for INT
mode a write of 0xF8 to register 0x20 must be done twice.
Table 9. GPIO Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(Not
(TX2/INT/GPIO2
(TX2/INT/GPI
(TX2/INT/GPI
(TX2/INT/GPIO2
(TX1/TORCH/G
(TX1/TORCH/G
(TX1/TORCH/G
Used)
Interrupt Enable) O2 data)
O2 data
Control)
PIO1 data)
PIO1 data
PIO1 Control)
direction)
direction)
N/A
0 =
This bit is the
0 =
0 =
This bit is the
0 =
0 =
TX2/INT/GPIO2
read or write
TX2/INT/GPIO
TX2/INT/GPIO is
read or write
TX1/TORCH/GP TX1/TORCH/GP
is configured
data for the
2 is a GPIO
configured as a
data for the
IO1 is a GPIO
IO1 pin is
according to bit 3
TX2/INT/GPIO
Input (default)
TX interrupt
GPIO1 pin in
input (default)
configured as
of this register
2 pin in GPIO
(default)
GPIO mode
TX
(default)
mode
interrupt(default
)
1 = with bits [4:3]
1 =
1 =
1
1 =
= 11,
TX2/INT/GPIO
TX2/INT/GPIO2
TX1/TORCHGPI TX1/TORCH/GP
TX2/INT/GPIO2
2 is a GPIO
is configured as a
O1 is an output
IO1 pin is
is an interrupt
output
GPIO
configured as a
output. See
GPIO
INTERRUPT
OUTPUT (INT
MODE).
32
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com