Electronic Components Datasheet Search
  English  ▼

X  

LM3560 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3560
Description  Synchronous Boost Flash Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3560 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3560 Datasheet HTML 13Page - Texas Instruments LM3560 Datasheet HTML 14Page - Texas Instruments LM3560 Datasheet HTML 15Page - Texas Instruments LM3560 Datasheet HTML 16Page - Texas Instruments LM3560 Datasheet HTML 17Page - Texas Instruments LM3560 Datasheet HTML 18Page - Texas Instruments LM3560 Datasheet HTML 19Page - Texas Instruments LM3560 Datasheet HTML 20Page - Texas Instruments LM3560 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
LM3560
www.ti.com
SNOSB43B – SEPTEMBER 2011 – REVISED AUGUST 2013
Table 2. Privacy Indicate (PWM'd Torch) Possible Current
Settings(1) (continued)
Privacy Current Setting
Privacy Indicate Duty Cycle
ILED1 or ILED2
(Enable Register Bit [2])
Privacy Register Bits[2:0]
(Single LED)
0 = 31.25mA peak
see (Table 5)
1 = 250mA peak
0
101
18.75 mA
0
110
21.875 mA
0
111
25 mA
1
000
25 mA
1
001
50 mA
1
010
75 mA
1
011
100 mA
1
100
125 mA
1
101
150 mA
1
110
175 mA
1
111
200 mA
POWER AMPLIFIER SYNCHRONIZATION (TX1)
The TX1/TORCH/GPIO1 pin has a triple function. With Configuration Register 1 Bit [7] = 0 (default)
TX1/TORCH/GPIO1 is a Power Amplifier Synchronization input (TX1 mode). This mode is designed to reduce
the flash LED current when TX1 is driven high (active high polarity) or driven low (active low polarity). When the
LM3560 is engaged in a Flash event and TX1/TORCH is driven high, the active current sources (LED1 and/or
LED2) are forced into Torch mode at the programmed Torch current setting. If TX1 is then pulled low before the
Flash pulse terminates, the LED current will return to the previous Flash current level. At the end of the Flash
timeout, whether the TX1/TORCH pin is high or low, the LED current will turn off.
The polarity of TX1 can be changed from active high to active low by writing a 0 to bit [5] of Configuration
Register 1. With this bit set to ‘0’ the LM3560 will be forced into Torch mode when TX1/TORCH is pulled low.
Figure 28 details the functionality of the TX1 Interrupt.
TX1 Shutdown
TX1 also has the capability to force shutdown. Bit [4] of Configuration Register 2 set to a '1', changes TX1 from a
force Torch when active to a force shutdown when active. For example, if TX1/TORCH/GPIO1 is configured for
TX1 mode with active high polarity, and bit[4] of Configuration Register 2 is set to '1' , then when TX1 is driven
high, the active current sources (LED1 and/or LED2) will be forced into shutdown. Once the active current
sources are forced into shutdown by activating TX1, the current sources can only be re-enabled into flash mode
if TX1 is pulled low and the Flags Register is read back. If only the Flags register is read back and TX1 is kept
high the device will be re-enabled into torch mode and not shutdown. This occurs because the TX1 shutdown
feature is an edge-triggered event. With active high polarity the TX1 shutdown requires a rising edge at TX1 in
order to force the current source into shutdown. Once shut down, it takes a read back of the flags Register and
another rising edge at TX1 to force shutdown again. Figure 30 details the different responses of the TX1
shutdown mode.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com